Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTC1296BCSW Datasheet(PDF) 15 Page - Linear Technology

No. de pieza LTC1296BCSW
Descripción Electrónicos  Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC1296BCSW Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1296BCSW Datasheet HTML 11Page - Linear Technology LTC1296BCSW Datasheet HTML 12Page - Linear Technology LTC1296BCSW Datasheet HTML 13Page - Linear Technology LTC1296BCSW Datasheet HTML 14Page - Linear Technology LTC1296BCSW Datasheet HTML 15Page - Linear Technology LTC1296BCSW Datasheet HTML 16Page - Linear Technology LTC1296BCSW Datasheet HTML 17Page - Linear Technology LTC1296BCSW Datasheet HTML 18Page - Linear Technology LTC1296BCSW Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
15
LTC1293/LTC1294/LTC1296
129346fs
Interfacing to the Parallel Port of the Intel 8051 Family
The Intel 8051 has been chosen to show the interface
between the LTC1293/4/6 and parallel port microproces-
sors. Usually the signals CS, DIN and CLK are generated
on three port lines and the DOUT signal is read on a fourth
port line. This works very well. One can save a line by tying
the DIN and DOUT lines together. The 8051 first sends the
start bit and DIN to the LTC1294 over the line connected to
P1.2. Then P1.2 is reconfigured as an input and the 8051
reads back the 12-bit A/D result over the same data line.
S
APPLICATI
I FOR ATIO
Data Exchange Between LTC1294 and MC68HC11
Motorola SPI (MC68HC11)
The MC68HC11 has been chosen as an example of an MPU
with a dedicated serial port. This MPU transfers data MSB-
first and in 8-bit increments. The DIN word sent to the data
register starts the SPI process. With three 8-bit transfers,
the A/D result is read into the MPU. The second 8-bit
transfer clocks B11 through B8 of the A/D conversion
result into the processor. The third 8-bit transfer clocks
the remaining bits B7 through B0 into the MPU. The data
is right justified in the two memory locations. ANDing the
second byte with 0DHEX clears the four most significant
bits. This operation was not included in the code. It can
be inserted in the data gathering loop or outside the loop
when the data is processed.
Hardware and Software Interface to Motorola MC68HC11
CS
CLK
DOUT
MPU
RECEIVED
WORD
LTC1293 TD01
UNI
SGL/
DIFF
ODD/
EVEN
SEL
1
SEL
0
START
MSBF
PS
B3
B7
B6
B5
B4
B2
B0
B1
B11
B10
B9
B8
DIN
MPU
TRANSMIT
WORD
BYTE 3 (DUMMY)
BYTE 2
SGL
0
ODD
SEL
0
SEL
1
BYTE 1
X
UNI MSBF
PS
X
X
X
X
00
1
START
X
X
X
XX
X
X
X
BYTE 3
BYTE 2
?
?
?
?
?
BYTE 1
B11
?
?
?
0
B10
B8
B9
??
?
B7
B6
B4
B5
B3
B2
B0
B1
DON'T CARE
LTC1293 TD01a
CLK
DOUT
LTC1294
CS
ANALOG
INPUTS
DO
SCK
MISO
MC68HC11
DIN
MOSI
B2
B1
B0
B3
B4
B6
B7
B5
BYTE 1
B10
B9
B8
B11
O
O
OO
DOUT FROM LTC1294 STORED ON MC68HC11 RAM
BYTE 2
LSB
MSB
#62
#63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com