Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTC1296BCSW Datasheet(PDF) 24 Page - Linear Technology

No. de pieza LTC1296BCSW
Descripción Electrónicos  Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC1296BCSW Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1296BCSW Datasheet HTML 20Page - Linear Technology LTC1296BCSW Datasheet HTML 21Page - Linear Technology LTC1296BCSW Datasheet HTML 22Page - Linear Technology LTC1296BCSW Datasheet HTML 23Page - Linear Technology LTC1296BCSW Datasheet HTML 24Page - Linear Technology LTC1296BCSW Datasheet HTML 25Page - Linear Technology LTC1296BCSW Datasheet HTML 26Page - Linear Technology LTC1296BCSW Datasheet HTML 27Page - Linear Technology LTC1296BCSW Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
LTC1293/LTC1294/LTC1296
129346fs
S
APPLICATI
I FOR ATIO
This means four channels can handle 7mA of input current
each. Reducing CLK frequency from a maximum of 1MHz
(See typical performance characteristics curves Maxi-
mum CLK Frequency vs Source Resistance and Sample
and Hold Acquisition Time vs Source Resistance) allows
the use of larger current limiting resistors. The “+” input
can accept a resistor value of 1k
Ω but the “–” input cannot
accept more than 250
Ω when the maximum clock fre-
quency of 1MHz is used. If the LTC1293/4/6 is clocked at
the maximum clock frequency and 250
Ω is not enough to
current limit the “–” input source then the clamp diodes
are recommended (Figures 20a and 20b). The reason for
the limit on the resistor value is the MSB bit test is affected
by the value of the resistor placed at the “–” input (see
discussion on Analog Inputs and the typical performance
characteristics curve Maximum CLK Frequency vs Source
Resistance).
If VCC and VREF are not tied together, then VCC should be
turned on first, then VREF. If this sequence cannot be met
connecting a diode from VREF to VCC is recommended (see
Figure 21).
For dual supplies (bipolar mode) placing two Schottky
diodes from VCC and V
– to ground (Figure 22) will prevent
Figure 20a. Overvoltage Protection for Inputs
Figure 19. Overvoltage Protection for Inputs
Figure 22. Power Supply Reversal
Figure 21
power supply reversal from occuring when an input source
is applied to the analog MUX before power is applied to the
device. Power supply reversal occurs, for example, if the
input is pulled below V
–. V
CC will then pull a diode drop
below ground which could cause the device not to power
up properly. Likewise, if the input is pulled above VCC, V
–
will be pulled a diode drop above ground. If no inputs are
present on the MUX, the Schottky diodes are not required
if V
– is applied first then V
CC.
Because a unique input protection structure is used on the
digital input pins, the signal levels on these pins can
exceed the device VCC without damaging the device.
Figure 20b. Overvoltage Protection for Inputs
+5V
LTC1293 F19
DGND
V–
AGND
VCC
1N4148 DIODES
LTC1293/4/6
–5V
+5V
LTC1293 F20a
+
DGND
V–
AGND
VCC
–
250
Ω
1k
LTC1293/4/6
–5V
+5V
LTC1293 F20b
+
DGND
V–
AGND
VCC
–
LTC1293/4/6
1N4148 DIODES
1k
–5V
+5V
LTC1293 F22
DGND
AGND
VCC
LTC1293/4/6
1N5817
–5V
V–
1N5817
+5V
LTC1293 F21
DGND
AGND
VCC
LTC1293/4/6
1N4148
+5V
REF+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com