Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HCS362T-I/P Datasheet(PDF) 5 Page - Microchip Technology

No. de pieza HCS362T-I/P
Descripción Electrónicos  KEELOQ Code Hopping Encoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS362T-I/P Datasheet(HTML) 5 Page - Microchip Technology

  HCS362T-I/P Datasheet HTML 1Page - Microchip Technology HCS362T-I/P Datasheet HTML 2Page - Microchip Technology HCS362T-I/P Datasheet HTML 3Page - Microchip Technology HCS362T-I/P Datasheet HTML 4Page - Microchip Technology HCS362T-I/P Datasheet HTML 5Page - Microchip Technology HCS362T-I/P Datasheet HTML 6Page - Microchip Technology HCS362T-I/P Datasheet HTML 7Page - Microchip Technology HCS362T-I/P Datasheet HTML 8Page - Microchip Technology HCS362T-I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS40189D-page 5
HCS362
2.0
DEVICE DESCRIPTION
As shown in the typical application circuits (Figure 2-1),
the HCS362 is a simple device to use. It requires only
the addition of buttons and RF circuitry for use as the
transmitter in your security application. See Table 2-1
for a description of each pin and Figure 2-1 for typical
circuits. Figure 2-2 shows the device I/O circuits.
TABLE 2-1:
PIN DESCRIPTIONS
FIGURE 2-1:
TYPICAL CIRCUITS
Name
Pin
Number
Description
S0
1
Switch input 0
S1
2
Switch input 1
S2
3
Switch input 2 / Clock pin when in
Programming mode
S3/
RFEN
4
Switch input 3 / RF enable output
VSS
5
Ground reference connection
DATA
6
Data output pin / DATA I/O pin for
Programming mode
LED/
SHIFT
7
Cathode connection for LED and
DUAL mode SHIFT input
VDD
8
Positive supply voltage
VDD
B0
Tx out
S0
S1
S2
S3
LED
VDD
DATA
VSS
a) Two button remote control
B1
VDD
Tx out
S0
S1
S2
RFEN
VDD
DATA
VSS
c) Four button remote control with RF Enable
B3 B2 B1 B0
Note:
Up to 15 functions can be implemented by
pressing more than one button simulta-
neously or by using a suitable diode array.
VDD
B0
Tx out
S0
S1
S2
S3
VDD
DATA
VSS
b) Four button remote control
B1
with PLL output (Note)
PLL control
B2
VDD
Tx out
S0
S1
S2
S3
VDD
DATA
VSS
d) DUAL key, four buttons remote control
B3 B2 B1 B0
SHIFT
1 KW
LED
LED
LED/SHIFT
B3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com