Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HCS362T-I/P Datasheet(PDF) 6 Page - Microchip Technology

No. de pieza HCS362T-I/P
Descripción Electrónicos  KEELOQ Code Hopping Encoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS362T-I/P Datasheet(HTML) 6 Page - Microchip Technology

Back Button HCS362T-I/P Datasheet HTML 2Page - Microchip Technology HCS362T-I/P Datasheet HTML 3Page - Microchip Technology HCS362T-I/P Datasheet HTML 4Page - Microchip Technology HCS362T-I/P Datasheet HTML 5Page - Microchip Technology HCS362T-I/P Datasheet HTML 6Page - Microchip Technology HCS362T-I/P Datasheet HTML 7Page - Microchip Technology HCS362T-I/P Datasheet HTML 8Page - Microchip Technology HCS362T-I/P Datasheet HTML 9Page - Microchip Technology HCS362T-I/P Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
HCS362
DS40189D-page 6
Preliminary
© 2002 Microchip Technology Inc.
FIGURE 2-2:
I/O CIRCUITS
2.1
Architectural Overview
2.1.1
ONBOARD EEPROM
The HCS362 has an onboard non-volatile EEPROM,
which is used to store user programmable data. The
data can be programmed at the time of production and
include the security-related information such as
encoder keys, serial numbers, discrimination and seed
values. All the security related options are read
protected. The HCS362 has built in protection against
counter corruption. Before every EEPROM write, the
internal circuitry also ensures that the high voltage
required to write to the EEPROM is at an acceptable
level.
2.1.2
INTERNAL RC OSCILLATOR
The HCS362 has an onboard RC oscillator that con-
trols all the logic output timing characteristics. The
oscillator frequency varies within ±10% of the nominal
value (once calibrated over a voltage range of 2V –
3.5V or 3.5V – 6.3V). All the timing values specified in
this document are subject to the oscillator variation.
FIGURE 2-3:
HCS362 NORMALIZED TE VS.
TEMPERATURE
2.1.3
LOW VOLTAGE DETECTOR
A low battery voltage detector onboard the HCS362
can indicate when the operating voltage drops below a
predetermined value. There are eight options available
depending on the VLOW[0..2] configuration options.
The options provided are:
S0, S1, S2
ESD
RS
Inputs
VDD
RFEN
S3 Input/
RS
RDATA
DATA I/O
LED output
RL
RH
VDD
DATA
LEDH
LEDL
RFEN Output
PFET
NFET
PFET
ESD
ESD
NFET
NFET
ESD
SHIFT input
SHIFT
000
-2.0V
100 -4.0V
001
-2.1V
101 -4.2V
010
-2.2V
110 -4.4V
011
-2.3V
111 -4.6V
0.94
1.10
1.08
1.06
1.04
1.02
1.00
0.98
0.96
0.92
0.90
TE
VDD Legend
= 2.0V
= 3.0V
= 6.0V
Typical
TE
Temperature °C
-50-40 -30-20-10 0 10 20 30 40 50 6070 80 90
Note:
Values are for calibrated oscillator
TE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com