Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SPT5400SCP Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza SPT5400SCP
Descripción Electrónicos  13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT5400SCP Datasheet(HTML) 8 Page - Fairchild Semiconductor

  SPT5400SCP Datasheet HTML 1Page - Fairchild Semiconductor SPT5400SCP Datasheet HTML 2Page - Fairchild Semiconductor SPT5400SCP Datasheet HTML 3Page - Fairchild Semiconductor SPT5400SCP Datasheet HTML 4Page - Fairchild Semiconductor SPT5400SCP Datasheet HTML 5Page - Fairchild Semiconductor SPT5400SCP Datasheet HTML 6Page - Fairchild Semiconductor SPT5400SCP Datasheet HTML 7Page - Fairchild Semiconductor SPT5400SCP Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
5/15/00
SPT5400
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
SPT5400SCP
0 to +70
°C
44L PLCC
PIN ASSIGNMENTS
Top View
44
1
VOUTB
VOUTA
VDD
REFAB
AGNDAB
LDAB
LDCD
CS
WR
A2
A1
VOUTG
VOUTH
VDD
REFGH
AGNDGH
GND
LDGH
LDEF
D0
D1
D2
6
7
17
18
28
29
39
40
PIN FUNCTIONS
Name
Function
CLR
Clear input (active low). Driving this asynchronous
input low sets the content of all latches to 1000hex.
All DAC outputs are reset to AGNDxx.
AGNDCD
Analog ground for DAC C and DAC D.
REFCD
Reference voltage input for DAC C and DAC C.
Bypass to AGNDCD with a 0.1 to 1
µF capacitor.
VSS
Negative power supply, –5 V (two pins). Connect
both pins to the supply voltage. Bypass each pin to
the system analog ground with a 0.1
µF capacitor.
VOUTD
DAC D output voltage.
VOUTC
DAC C output voltage.
VOUTB
DAC B output voltage.
VOUTA
DAC A output voltage.
VDD
Positive power supply, +5 V (two pins). Connect
both pins to the supply voltage. Bypass each pin to
the system analog ground with a 0.1
µF capacitor.
REFAB
Reference voltage input for DAC A and DAC B.
Bypass to AGNDAB with a 0.1 to 1
µF capacitor.
AGNDAB
Analog ground for DAC A and DAC B.
LDAB
Load input (active low). Driving this asynchronous
input low transfers the contents of the input latches
A and B to the respective DAC latches.
LDCD
Load input (active low). Driving this asynchronous
input low transfers the contents of the input latches
C and D to the respective DAC latches.
CS
Chip select (active low).
WR
Write input (active low). WR along with CS load data
into the DAC input latch selected by A0–A2.
A2
Address bit 2.
A1
Address bit 1.
A0
Address bit 0.
D12–D0
Data bits 12–0. (D0 = LSB)
LDEF
Load input (active low). Driving this asynchronous
input low transfers the contents of the input latches
E and F to the respective DAC latches.
LDGH
Load input (active low). Driving this asynchronous
input low transfers the contents of the input latches
G and H to the respective DAC latches.
GND
Digital ground.
AGNDGH
Analog ground for DAC G and DAC H.
REFGH
Reference voltage input for DAC G and DAC H.
Bypass to AGNDGH with a 0.1 to 1
µF capacitor.
VOUTH
DAC H output voltage.
VOUTG
DAC G output voltage.
VOUTF
DAC F output voltage.
VOUTE
DAC E output voltage.
REFEF
Reference voltage input for DAC E and DAC F.
Bypass to AGNDEF with a 0.1 to 1
µF capacitor.
AGNDEF
Analog ground for DAC E and DAC F.
Name
Function
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS
WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems which, (a) are
intended for surgical implant into the body, or (b) support or sustain life,
and whose failure to perform, when properly used in accordance with
instructions for use provided in the labeling, can be reasonably
expected to result in a significant injury to the user.
2. A critical component is any component of a life support device or
system whose failure to perform can be reasonably expected to cause
the failure of the life support device or system, or to affect its safety or
effectiveness.
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO
IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR
USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR
THE RIGHTS OF OTHERS.
www.fairchildsemi.com
© Copyright 2002 Fairchild Semiconductor Corporation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com