Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

7D301K Datasheet(PDF) 10 Page - World Produts Inc.

No. de pieza 7D301K
Descripción Electrónicos  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WPI [World Produts Inc.]
Página de inicio  http://www.worldproducts.com
Logo WPI - World Produts Inc.

7D301K Datasheet(HTML) 10 Page - World Produts Inc.

Back Button 7D301K Datasheet HTML 6Page - World Produts Inc. 7D301K Datasheet HTML 7Page - World Produts Inc. 7D301K Datasheet HTML 8Page - World Produts Inc. 7D301K Datasheet HTML 9Page - World Produts Inc. 7D301K Datasheet HTML 10Page - World Produts Inc. 7D301K Datasheet HTML 11Page - World Produts Inc. 7D301K Datasheet HTML 12Page - World Produts Inc. 7D301K Datasheet HTML 13Page - World Produts Inc. 7D301K Datasheet HTML 14Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
8 | Metal Oxide Varistors
Standard Dimensions and Lead Modification Options (continued)
E Max Dimensions (For Standard Epoxy)
Dimensions are in mm (inches)
5D Series
Style
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
Style
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
5D180K
3 .4 ( .13)
1 .2 ( .05)
5D221K
3 .6 ( .14)
1 .6 ( .063)
5D220K
3 .6 ( .14)
1 .3 ( .05)
5D241K
3 .7 ( .145)
1 .8 ( .07)
5D270K
3 .8 ( .15)
1 .4 ( .055)
5D271K
3 .8 ( .15)
2 .0 ( .08)
5D330K
3 .9 ( .15)
1 .2 ( .05)
5D301K
3 .9 ( .15)
2 .3 ( .09)
5D390K
4 .0 ( .16)
1 .3 ( .05)
5D331K
4 .1 ( .16)
2 .4 ( .094)
5D470K
3 .8 ( .15)
1 .5 ( .06)
5D361K
4 .4 ( .17)
2 .5 ( .1)
5D560K
3 .9 ( .15)
1 .6 ( .063)
5D391K
4 .5 ( .18)
2 .7 ( .1)
5D680K
4 .2 ( .165)
1 .8 ( .07)
5D431K
4 .7 ( .185)
2 .9 ( .11)
5D820K
3 .4 ( .13)
1 .2 ( .05)
5D471K
4 .9 ( .19)
3 .6 ( .14)
5D101K
3 .6 ( .14)
1 .2 ( .05)
5D511K
5 .1 ( .2)
*3 .1 ( .12)
5D121K
3 .8 ( .15)
1 .3 ( .05)
5D561K
5 .3 ( .21)
*3 .3 ( .13)
5D151K
3 .9 ( .15)
1 .3 ( .05)
5D621K
5 .5 ( .22)
*3 .9 ( .15)
5D181K
3 .5 ( .138)
1 .5 ( .06)
5D681K
5 .7 ( .22)
*4 .3 ( .17)
5D201K
3 .6 ( .14)
1 .6 ( .063)
7D Series
Style
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
Style
E Max
mm (in)
Off-set Dimension (a)
±1 (±0.04) mm (in)
7D180K
3 .4 ( .13)
1 .2 ( .05)
7D221K
3 .6 ( .14)
1 .6 ( .063)
7D220K
3 .6 ( .14)
1 .3 ( .05)
7D241K
3 .7 ( .145)
1 .8 ( .07)
7D270K
3 .8 ( .15)
1 .4 ( .055)
7D271K
3 .8 ( .15)
2 .0 ( .08)
7D330K
3 .9 ( .15)
1 .2 ( .05)
7D301K
3 .9 ( .15)
2 .3 ( .09)
7D390K
4 .0 ( .16)
1 .3 ( .05)
7D331K
4 .1 ( .16)
2 .4 ( .094)
7D470K
3 .8 ( .15)
1 .5 ( .06)
7D361K
4 .4 ( .17)
2 .5 ( .1)
7D560K
3 .9 ( .15)
1 .6 ( .063)
7D391K
4 .5 ( .18)
2 .7 ( .1)
7D680K
4 .2 ( .165)
1 .8 ( .07)
7D431K
4 .7 ( .185)
2 .9 ( .11)
7D820K
3 .4 ( .13)
1 .2 ( .05)
7D471K
4 .9 ( .19)
3 .6 ( .14)
7D101K
3 .6 ( .14)
1 .2 ( .05)
7D511K
5 .1 ( .2)
*3 .1 ( .12)
7D121K
3 .8 ( .15)
1 .3 ( .05)
7D561K
5 .3 ( .21)
*3 .3 ( .13)
7D151K
3 .9 ( .15)
1 .3 ( .05)
7D621K
5 .5 ( .22)
*3 .9 ( .15)
7D181K
3 .5 ( .138)
1 .5 ( .06)
7D681K
5 .7 ( .22)
*4 .3 ( .17)
7D201K
3 .6 ( .14)
1 .6 ( .063)
* Bulk parts for 320VAC and larger come standard with inline crimp (as referenced at beginning of “Standard Dimensions and Lead Modification
Options” section ) for straight disk seating on PC boards . Therefore, “a” dimension is not applicable . If 320VAC and larger size are required without
in-line crimp, please reference “Part Number System” position # (8) and add “N” and reference “a” dimensions (for off-set) above .
E max
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65