Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

7D301K Datasheet(PDF) 17 Page - World Produts Inc.

No. de pieza 7D301K
Descripción Electrónicos  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WPI [World Produts Inc.]
Página de inicio  http://www.worldproducts.com
Logo WPI - World Produts Inc.

7D301K Datasheet(HTML) 17 Page - World Produts Inc.

Back Button 7D301K Datasheet HTML 13Page - World Produts Inc. 7D301K Datasheet HTML 14Page - World Produts Inc. 7D301K Datasheet HTML 15Page - World Produts Inc. 7D301K Datasheet HTML 16Page - World Produts Inc. 7D301K Datasheet HTML 17Page - World Produts Inc. 7D301K Datasheet HTML 18Page - World Produts Inc. 7D301K Datasheet HTML 19Page - World Produts Inc. 7D301K Datasheet HTML 20Page - World Produts Inc. 7D301K Datasheet HTML 21Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
Metal Oxide Varistors | 15
Standard Dimensions and Lead Modification Options (continued)
E Max Dimensions (For Phenolic Coating)
Dimensions are in mm (inches)
10D Series
Style
E Max mm (in)
Off-set Dimension
(a) ±1 (±0.04) mm (in)
Style
E Max mm (in)
Off-set Dimension
(a) ±1 (±0.04) mm (in)
B
P
B
P
10D180K
4 .3 ( .17)
5 .5 ( .216)
1 .4 ( .055)
**10D301K
5 .2 ( .2)
6 .1 ( .24)
2 .5 ( .1)
10D220K
4 .5 ( .177)
5 .7 ( .22)
1 .5 ( .06)
**10D331K
5 .3 ( .21)
6 .3 ( .25)
2 .5 ( .1)
10D270K
4 .7 ( .185)
5 .9 ( .23)
1 .6 ( .063)
**10D361K
5 .4 ( .21)
6 .4 ( .25)
2 .7 ( .1)
10D330K
4 .8 ( .19)
6 .0 ( .236)
1 .8 ( .07)
**10D391K
5 .5 ( .216)
6 .5 ( .256)
2 .9 ( .11)
10D390K
4 .9 ( .19)
6 .1 ( .24)
1 .6 ( .063)
**10D431K
5 .6 ( .22)
6 .7 ( .26)
3 .1 ( .12)
10D470K
4 .8 ( .19)
6 .1 ( .24)
1 .7 ( .067)
**10D471K
5 .6 ( .22)
6 .8 ( .267)
3 .6 ( .14)
10D560K
4 .9 ( .19)
6 .1 ( .24)
1 .8 ( .07)
**10D511K
5 .9 ( .23)
7 .1 ( .28)
*3 .4 ( .13)
10D680K
5 .1 ( .2)
6 .5 ( .256)
2 .1 ( .083)
**10D561K
6 .0 ( .236)
7 .2 ( .28)
*3 .5 ( .138)
**10D820K
4 .4 ( .17)
5 .8 ( .23)
1 .4 ( .055)
**10D621K
6 .3 ( .25)
7 .5 ( .295)
*4 .2 ( .165)
**10D101K
4 .3 ( .17)
5 .7 ( .22)
1 .4 ( .055)
**10D681K
6 .6 ( .26)
7 .8 ( .307)
*4 .6 ( .18)
**10D121K
4 .4 ( .17)
5 .8 ( .23)
1 .5 ( .06)
**10D751K
6 .8 ( .267)
8 .0 ( .315)
*5 .0 ( .197)
**10D151K
4 .5 ( .177)
5 .9 ( .23)
1 .5 ( .06)
**10D781K
7 .1 ( .28)
8 .1 ( .32)
*5 .0 ( .197)
**10D181K
4 .7 ( .185)
6 .1 ( .24)
1 .6 ( .063)
**10D821K
7 .4 ( .29)
8 .4 ( .33)
*5 .4 ( .2)
**10D201K
4 .7 ( .185)
6 .1 ( .24)
1 .8 ( .07)
10D911K
7 .8 ( .307)
8 .8 ( .346)
*5 .9 ( .23)
**10D221K
4 .8 ( .19)
5 .8 ( .23)
1 .8 ( .07)
10D102K
8 .2 ( .32)
9 .2 ( .36)
*6 .4 ( .25)
**10D241K
5 .0 ( .196)
5 .9 ( .23)
2 .0 ( .08)
10D112K
8 .5 ( .335)
9 .5 ( .37)
*7 .0 ( .275)
**10D271K
5 .1 ( .2)
6 .0 ( .236)
2 .2 ( .087)
14D Series
Style
E Max mm (in)
Off-set Dimension
(a) ±1 (±0.04) mm (in)
Style
E Max mm (in)
Off-set Dimension
(a) ±1 (±0.04) mm (in)
B
P
B
P
14D180K
4 .4 ( .17)
5 .6 ( .22)
1 .4 ( .055)
**14D301K
5 .2 ( .2)
6 .1 ( .24)
2 .6 ( .1)
14D220K
4 .6 ( .18)
5 .8 ( .23)
1 .5 ( .06)
**14D331K
5 .3 ( .21)
6 .3 ( .25)
2 .6 ( .1)
14D270K
4 .8 ( .19)
6 .0 ( .236)
1 .7 ( .067)
**14D361K
5 .4 ( .21)
6 .4 ( .25)
2 .8 ( .11)
14D330K
5 .0 ( .196)
6 .2 ( .24)
1 .9 ( .075)
**14D391K
5 .5 ( .216)
6 .5 ( .256)
3 .0 ( .12)
14D390K
4 .7 ( .185)
5 .9 ( .23)
1 .7 ( .067)
**14D431K
5 .6 ( .22)
6 .7 ( .26)
3 .2 ( .126)
14D470K
4 .8 ( .19)
6 .2 ( .24)
1 .8 ( .07)
**14D471K
5 .7 ( .22)
6 .9 ( .27)
3 .8 ( .15)
14D560K
5 .0 ( .196)
6 .2 ( .24)
2 .0 ( .08)
**14D511K
5 .9 ( .23)
7 .1 ( .28)
*3 .4 ( .13)
14D680K
5 .2 ( .2)
6 .6 ( .26)
2 .2 ( .087)
**14D561K
6 .2 ( .24)
7 .4 ( .29)
*3 .5 ( .138)
**14D820K
4 .4 ( .17)
5 .8 ( .23)
1 .4 ( .055)
**14D621K
6 .4 ( .25)
7 .6 ( .3)
*4 .2 ( .165)
**14D101K
4 .4 ( .17)
5 .8 ( .23)
1 .5 ( .06)
**14D681K
6 .6 ( .26)
7 .8 ( .307)
*4 .7 ( .185)
**14D121K
4 .5 ( .177)
5 .9 ( .23)
1 .5 ( .06)
**14D751K
6 .9 ( .27)
8 .1 ( .32)
*5 .1 ( .2)
**14D151K
4 .5 ( .177)
5 .9 ( .23)
1 .5 ( .06)
**14D781K
7 .3 ( .287)
8 .2 ( .32)
*5 .1 ( .2)
**14D181K
4 .7 ( .185)
6 .1 ( .24)
1 .7 ( .067)
**14D821K
7 .5 ( .3)
8 .5 ( .335)
*5 .5 ( .22)
**14D201K
4 .7 ( .185)
6 .1 ( .24)
1 .9 ( .075)
14D911K
7 .9 ( .31)
8 .9 ( .35)
*6 .0 ( .24)
**14D221K
4 .8 ( .19)
5 .8 ( .23)
1 .9 ( .075)
14D102K
8 .2 ( .32)
9 .2 ( .36)
*6 .5 ( .255)
**14D241K
5 .0 ( .196)
5 .9 ( .23)
2 .1 ( .083)
14D112K
8 .7 ( .34)
9 .7 ( .38)
*7 .2 ( .28)
**14D271K
5 .1 ( .2)
6 .0 ( .236)
2 .2 ( .087)
* Bulk parts for 320VAC and larger come standard with inline crimp (as referenced at beginning of “Standard Dimensions and Lead Modification
Options” section ) for straight disk seating on PC boards . Therefore, “a” dimension is not applicable . If 320VAC and larger size are required without
in-line crimp, please reference “Part Number System” position # (8) and add “N” and reference “a” dimensions (for off-set) above .
** These dimensions also apply to “E” Series (High Energy) parts . For suffix “V” (Extremely High Energy Type) add 0 .1 (0 .004) to “E Max .”
E max
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65