| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PSD813F2 Datasheet(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD813F2 Datasheet(HTML) 62 Page - STMicroelectronics |
|
62 / 128 page ![]() MCU bus interface PSD8XXFX 62/128 Doc ID 7833 Rev 7 15.5 80C31 Figure 20 shows the bus interface for the 80C31, which has an 8-bit multiplexed address/data bus. The lower address byte is multiplexed with the data bus. The MCU control signals Program Select Enable (PSEN, CNTL2), Read Strobe (RD, CNTL1), and Write Strobe (WR, CNTL0) may be used for accessing the internal memory and I/O ports blocks. Address Strobe (ALE/AS, PD0) latches the address. Figure 20. Interfacing the PSD with an 80C31 EA/VP X1 X2 RESET RESET INT0 INT1 T0 T1 P1.0 P1.1 P1.2 P1.3 P1.4 P1.5 P1.6 P1.7 P0.0 P0.1 P0.2 P0.3 P0.4 P0.5 P0.6 P0.7 PA0 PA1 PA2 PA3 PA4 PA5 PA6 PA7 PB0 PB1 PB2 PB3 PB4 PB5 PB6 PB7 PC0 PC2 PC1 PC3 PC4 PC5 PC6 PC7 P2.0 P2.1 P2.2 P2.3 P2.4 P2.5 P2.6 P2.7 ADIO0 ADIO1 ADIO2 ADIO3 ADIO4 ADIO5 ADIO6 ADIO7 ADIO8 ADIO9 ADIO10 ADIO11 ADIO12 ADIO13 ADIO14 ADIO15 CNTL0 (WR) CNTL1(RD) CNTL2 (PSEN) PD0-ALE PD1 PD2 RESET RD WR PSEN ALE/P TXD RXD RESET 29 28 27 25 24 23 22 21 30 39 31 19 18 9 12 13 14 15 1 2 3 4 5 6 7 8 38 37 36 35 34 33 32 AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7 AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7 31 32 33 34 35 36 37 39 40 41 42 43 44 45 46 47 48 50 49 10 9 8 7 6 5 4 3 2 52 51 PSD 80C31 AD7-AD0 AD[ 7:0] 21 22 23 24 25 26 27 28 17 16 29 30 A8 A9 A10 A11 A12 A13 A14 A15 RD WR PSEN ALE 11 10 RESET 20 19 18 17 14 13 12 11 AI02880C Obsolete Product(s) - Obsolete Product(s) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |