| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PSD813F2 Datasheet(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD813F2 Datasheet(HTML) 50 Page - STMicroelectronics |
|
50 / 128 page ![]() PLDS PSD8XXFX 50/128 Doc ID 7833 Rev 7 14.2 Decode PLD (DPLD) The DPLD, shown in Figure 13, is used for decoding the address for internal and external components. The DPLD can be used to generate the following decode signals: ● 8 Sector Select (FS0-FS7) signals for the primary Flash memory (three product terms each) ● 4 Sector Select (CSBOOT0-CSBOOT3) signals for the secondary Flash memory (three product terms each) ● 1 internal SRAM Select (RS0) signal (two product terms) ● 1 internal CSIOP Select (PSD Configuration register) signal ● 1 JTAG Select signal (enables JTAG on port C) ● 2 internal Peripheral Select signals (Peripheral I/O mode). Figure 13. DPLD logic array (INPUTS) (24) (8) (16) (1) PDN (APD OUTPUT) I /O PORTS (PORT A,B,C) (8) PGR0 - PGR7 (8) MCELLAB.FB [7:0] (FEEDBACKS) MCELLBC.FB [7:0] (FEEDBACKS) A[15:0] * (3) (3) PD[2:0] (ALE,CLKIN,CSI) CNTRL[2:0] (READ/WRITE CONTROL SIGNALS) (1) (1) RESET RD_BSY RS0 CSIOP PSEL0 PSEL1 8 PRIMARY FLASH MEMORY SECTOR SELECTS SRAM SELECT I/O DECODER SELECT PERIPHERAL I/O MODE SELECT CSBOOT 0 CSBOOT 1 CSBOOT 2 CSBOOT 3 FS0 FS7 3 3 3 3 3 3 3 3 3 3 3 3 2 JTAGSEL AI02873D FS1 FS2 FS3 FS6 FS5 FS4 1 1 1 1 Obsolete Product(s) - Obsolete Product(s) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |