| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM8L151F3P6 Datasheet(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151F3P6 Datasheet(HTML) 53 Page - STMicroelectronics |
|
53 / 112 page ![]() STM8L151x2, STM8L151x3 Electrical parameters Doc ID 018780 Rev 4 53/112 7.3.2 Embedded reset and power control block characteristics Table 15. Embedded reset and power control block characteristics Symbol Parameter Conditions Min Typ Max Unit tVDD VDD rise time rate BOR detector enabled 0(1) ∞ (1) µs/V VDD fall time rate BOR detector enabled 20(1) ∞ (1) tTEMP Reset release delay VDD rising 3(1) ms VPDR Power-down reset threshold Falling edge 1.30(2) 1.50 1.65 V VBOR0 Brown-out reset threshold 0 (BOR_TH[2:0]=000) Falling edge 1.66 1.70 1.74 V Rising edge 1.39 1.75 1.81 VBOR1 Brown-out reset threshold 1 (BOR_TH[2:0]=001) Falling edge 1.89 1.93 1.97 Rising edge 1.98 2.03 2.07 VBOR2 Brown-out reset threshold 2 (BOR_TH[2:0]=010) Falling edge 2.25 2.30 2.35 Rising edge 2.35 2.40 2.44 VBOR3 Brown-out reset threshold 3 (BOR_TH[2:0]=011) Falling edge 2.50 2.55 2.60 Rising edge 2.59 2.65 2.70 VBOR4 Brown-out reset threshold 4 (BOR_TH[2:0]=100) Falling edge 2.74 2.79 2.85 Rising edge 2.83 2.89 2.95 VPVD0 PVD threshold 0 Falling edge 2.82 1.85 1.88 V Rising edge 1.89 1.94 1.97 VPVD1 PVD threshold 1 Falling edge 2.04 2.05 2.08 Rising edge 2.12 2.14 2.17 VPVD2 PVD threshold 2 Falling edge 2.21 2.24 2.28 Rising edge 2.31 2.33 2.37 VPVD3 PVD threshold 3 Falling edge 2.41 2.44 2.48 Rising edge 2.51 2.53 2.57 VPVD4 PVD threshold 4 Falling edge 2.61 2.64 2.69 Rising edge 2.71 2.74 2.79 VPVD5 PVD threshold 5 Falling edge 2.79 2.83 2.88 Rising edge 2.90 2.94 2.99 VPVD6 PVD threshold 6 Falling edge 3.01 3.04 3.09 Rising edge 3.12 3.15 3.20 1. Data guaranteed by design, not tested in production. 2. Data based on characterization results, not tested in production. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |