| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM8L151F3P6 Datasheet(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151F3P6 Datasheet(HTML) 29 Page - STMicroelectronics |
|
29 / 112 page ![]() STM8L151x2, STM8L151x3 Pin description Doc ID 018780 Rev 4 29/112 23 12 11 - - PD3/ ADC1_IN19/ RTC_CALIB(7) I/O X XX HS X X Port D3 ADC1_IN19/ RTC calibration(7) 33 21 20 - - PD4/ ADC1_IN10 I/O X XX HS X X Port D4 ADC1_IN10 34 22 - - - PD5/ ADC1_IN9 I/O X XX HS X X Port D5 ADC1_IN9 -23 - - - PD6/ ADC1_IN8/RTC_CALI B I/O X XX HS X X Port D6 ADC1_IN8 / RTC calibration 36 24 - - - PD7 /ADC1_IN7/RTC_ALA RM I/O X XX HS X X Port D7 ADC1_IN7 / RTC alarm 14 -- -- PE0 I/O X XX HS X X Port E0 15 -- -- PE1 I/O X XX HS X X Port E1 16 -- -- PE2 I/O X XX HS X X Port E2 17 - - - - PE3/ADC1_IN26 I/O X XX HS X X Port E3 ADC1_IN26 18 - - - - PE4/ADC1_IN27 I/O X XX HS X X Port E4 ADC1_IN27 19 -- -- PE5/ADC1_IN23/ COMP_INP I/O X XX HS X X Port E5 ADC1_IN23/ Comparator positive input 47 - - - - PE6/PVD_IN I/O X XX HS X X Port E6 PVD_IN 48 - - - - PE7/ADC1_IN25 I/O X XX HS X X Port E7 ADC1_IN25 32 -- -- PF0/ADC1_IN24 I/O X XX HS X X Port F0 ADC1_IN24 10 -- -- VDD S Digital supply voltage - 8 758 VDD /VDDA / VREF+ S Digital supply voltage / ADC1 positive voltage reference 9 7 647 VSS / VREF- / VSSA Ground voltage / ADC1 negative voltage reference / Analog ground voltage 11 -- -- VDDA S Analog supply voltage 12 -- -- VREF+ S ADC1 positive voltage reference Table 4. Low density STM8L15xxx pin description (continued) Pin number Pin name Input Output Default alternate function |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |