Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM4040C Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza LM4040C
Descripción Electrónicos  Precision Micro-Power Shunt Voltage References
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM4040C Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LM4040C Datasheet HTML 2Page - ON Semiconductor LM4040C Datasheet HTML 3Page - ON Semiconductor LM4040C Datasheet HTML 4Page - ON Semiconductor LM4040C Datasheet HTML 5Page - ON Semiconductor LM4040C Datasheet HTML 6Page - ON Semiconductor LM4040C Datasheet HTML 7Page - ON Semiconductor LM4040C Datasheet HTML 8Page - ON Semiconductor LM4040C Datasheet HTML 9Page - ON Semiconductor LM4040C Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LM4040, LM4041
http://onsemi.com
6
Table 5. DC ELECTRICAL CHARACTERISTICS
(IR = 100 mA, TA = −40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Symbol
Units
Limits
Test Conditions
Parameter
Symbol
Units
Max
Typ
Min
Test Conditions
Parameter
4.096 V
VR
Reverse Breakdown Voltage
Tolerance
LM4040A
±4
±31
mV
LM4040B
±8
±35
LM4040C
±20
±47
LM4040D
±41
±80
IR_MIN
Minimum Operating Current
45
65
mA
DVR/DT
Reverse Breakdown Voltage
Temperature Coefficient
IR = 10 mA
±30
ppm/°C
IR = 1 mA
LM4040A, B, C
±20
±100
LM4040D
±20
±150
IR = 100 mA
±15
DVR/DIR
Reverse Breakdown Voltage
Change with Operating Current
IR_MIN ≤ IR ≤
1 mA
LM4040A, B, C
0.5
1.2
mV
LM4040D
0.5
1.5
1 mA ≤ IR ≤
15 mA
LM4040A, B, C
3.0
10
LM4040D
3.0
13
ZR
Reverse Dynamic Impedance
IR = 1 mA,
f = 120 Hz,
IAC = 0.1 IR
LM4040A, B
0.5
1.0
W
LM4040C
0.5
1.0
LM4040D
0.5
1.3
eN
Wideband Noise
IR = 100 mA, 10 Hz ≤ f ≤ 10 KHz
800
mVRMS
DVR
Reverse Breakdown Voltage
Long Term Stability
T = 1000 h
120
ppm
VHYST
Thermal Hysteresis (Note 2)
DT = −40°C to +125°C
0.08
%
5.000 V
VR
Reverse Breakdown Voltage
TA = +25°C
LM4040A (0.1%)
4.995
5.000
5.005
V
LM4040B (0.2%)
4.990
5.000
5.010
LM4040C (0.5%)
4.975
5.000
5.025
LM4040D (1.0%)
4.950
5.000
5.050
VR
Reverse Breakdown Voltage
Tolerance
LM4040A
±5
±38
mV
LM4040B
±10
±43
LM4040C
±25
±58
LM4040D
±50
±99
IR_MIN
Minimum Operating Current
45
65
mA
DVR/DT
Reverse Breakdown Voltage
Temperature Coefficient
IR = 10 mA
±30
ppm/°C
IR = 1 mA
LM4040A, B, C
±20
±100
LM4040D
±20
±150
IR = 100 mA
±15
1. Guaranteed by design.
2. Thermal hysteresis is defined as the difference in voltage measured at +25°C after cycling to temperature −40°C and the 25°C measure-
ment after cycling to temperature +125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com