Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM4040C Datasheet(PDF) 9 Page - ON Semiconductor

No. de pieza LM4040C
Descripción Electrónicos  Precision Micro-Power Shunt Voltage References
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM4040C Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LM4040C Datasheet HTML 5Page - ON Semiconductor LM4040C Datasheet HTML 6Page - ON Semiconductor LM4040C Datasheet HTML 7Page - ON Semiconductor LM4040C Datasheet HTML 8Page - ON Semiconductor LM4040C Datasheet HTML 9Page - ON Semiconductor LM4040C Datasheet HTML 10Page - ON Semiconductor LM4040C Datasheet HTML 11Page - ON Semiconductor LM4040C Datasheet HTML 12Page - ON Semiconductor LM4040C Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LM4040, LM4041
http://onsemi.com
9
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 7. Temperature Drift − LM4040
Figure 8. Temperature Drift − LM4041
TEMPERATURE (°C)
TEMPERATURE (°C)
100
80
60
40
20
0
−20
−40
−0.5
−0.4
−0.3
−0.2
−0.1
0.1
0.2
0.3
100
80
60
40
20
0
−20
−40
−0.5
−0.4
−0.3
−0.2
0
0.2
0.3
0.4
Figure 9. Output Impedance vs. Frequency
Figure 10. Output Impedance vs. Frequency
FREQUENCY (Hz)
FREQUENCY (Hz)
1.E+04
1.E+03
1.E+02
1.E+03
Figure 11. Reverse Characteristics − LM4041
REVERSE VOLTAGE (V)
2.0
1.6
1.2
0.8
0.4
0
0
20
40
60
80
100
0
IR = 150 mA
−20 ppm/°C
+35 ppm/°C
−40°C
+25°C
+85°C
−0.1
0.1
IR = 150 mA
−29 ppm/°C
+48 ppm/°C
1.E+05
1.E+06
CL = 0 mF
CL = 1 mF
IR = 150 mA
TJ = 25°C,
DIR = 0.1IR
1.E+02
1.E+01
1.E+00
1.E−01
LM4041 − 1.225 V
LM4040 − 2.5 V
LM4040 − 5 V
1.E+03
1.E+02
1.E+01
1.E+00
1.E−01
1.E+04
1.E+03
1.E+02
1.E+05
1.E+06
CL = 0 mF
CL = 1 mF
IR = 1 mA
TJ = 25°C,
DIR = 0.1IR
LM4041 − 1.225 V
LM4040 − 2.5 V
LM4040 − 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com