Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PALCSC3155 Datasheet(PDF) 3 Page - MRV Communications, Inc.

No. de pieza PALCSC3155
Descripción Electrónicos  Passive WDM Cables
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MRV [MRV Communications, Inc.]
Página de inicio  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

PALCSC3155 Datasheet(HTML) 3 Page - MRV Communications, Inc.

  PALCSC3155 Datasheet HTML 1Page - MRV Communications, Inc. PALCSC3155 Datasheet HTML 2Page - MRV Communications, Inc. PALCSC3155 Datasheet HTML 3Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
Datasheet
MRV-FD-OADMC-031811
Copyright ©2011 MRV Communications, Inc. All Rights Reserved.
3020040-001 Rev. A6
MRV has more than 50 offices throughout the world. Addresses, phone numbers and fax numbers are listed at www.mrv.com.
Please e-mail us at info@mrv.com or call us for assistance.
MRV Los Angeles
MRV Boston
MRV International
20415 Nordhoff Street
300 Apollo Drive
Business Park Moerfelden
Chatsworth, CA 91311
Chelmsford, MA 01824
Waldeckerstrasse 13
800-338-5316
800-338-5316
64546 Moerfelden-Walldorf
818-773-0900
978-674-6800
Germany
Tel. (49) 6105/2070
Fax (49) 6105/207-100
All statements, technical information, and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the
accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. Please contact MRV Communications for more information.
MRV Communications and the MRV Communications logo are trademarks of MRV Communications, Inc. Other trademarks are the property of their respective holders.
CWDM Wavelengths
xx or yy
Wavelength
xx or yy
Wavelength
xx or yy
Wavelength
xx or yy
Wavelength
31
1310 nm
39
1390 nm
47
1470 nm
55
1550 nm
33
1330 nm
41
1410 nm
49
1490 nm
57
1570 nm
35
1350 nm
43
1430 nm
51
1510 nm
59
1590 nm
37
1370 nm
45
1450 nm
53
1530 nm
61
1610 nm
DWDM Wavelengths
ITU Channel
(xx or yy)
Wavelength
(nm)
ITU Channel
(xx or yy)
Wavelength
(nm)
ITU Channel
(xx or yy)
Wavelength
(nm)
ITU Channel
(xx or yy)
Wavelength
(nm)
21
1560.61
31
1552.52
41
1544.53
51
1536.61
22
1559.79
32
1551.72
42
1543.73
52
1535.82
23
1558.98
33
1550.92
43
1542.94
53
1535.04
24
1558.17
34
1550.12
44
1542.14
54
1534.25
25
1557.36
35
1549.32
45
1541.35
55
1533.47
26
1556.56
36
1548.52
46
1540.56
56
1532.68
27
1555.75
37
1547.72
47
1539.77
57
1531.90
28
1554.94
38
1546.92
48
1538.98
58
1531.12
29
1554.13
39
1546.12
49
1538.19
59
1530.33
30
1553.33
40
1545.32
50
1537.40
60
1529.55
* See the CWDM table below for wavelengths
Ordering Information
Model
Description
Connectors
Port/Link
Wavelength*
(nm)
Insertion Loss
(dB)
PAWSC/xxyy
Passive 2 Wavelength (xx\yy) Cable, Single Fiber SM
SC (x2) / SC
xx/yy ±6.5
0.7
PAWLCSC/xxyy
Passive 2 Wavelength (xx\yy) Cable,Single Fiber SM
LC (x2) / SC
xx/yy ±6.5
0.7
PADMSYY/xx
Cable, Protocol Independent Single Fiber YY Add/Drop
Defined by YY (MU, LC or SC)
xx ±6.5
0.7
PASCSC/3155
Cable, Protocol Independent Single Fiber SC Add/Drop
SC (x2) / SC
1310/1550 ± 40
0.7
PALCSC/3155
Cable, Protocol Independent Single Fiber LC Add/Drop
LC (x2) / SC
1310/1550 ± 40
0.7
PASSIVE CWDM CABLES



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com