Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PALCSC3155 Datasheet(PDF) 1 Page - MRV Communications, Inc.

No. de pieza PALCSC3155
Descripción Electrónicos  Passive WDM Cables
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MRV [MRV Communications, Inc.]
Página de inicio  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

PALCSC3155 Datasheet(HTML) 1 Page - MRV Communications, Inc.

  PALCSC3155 Datasheet HTML 1Page - MRV Communications, Inc. PALCSC3155 Datasheet HTML 2Page - MRV Communications, Inc. PALCSC3155 Datasheet HTML 3Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Datasheet
Overview
A WDM cable combines and separates two optical wavelengths to double the data capacity of an installed fiber. The
single-fiber technology is bi-directional using gray (wide), CWDM, or DWDM wavelengths as specified by “/xxyy” in the
ordering codes.
The cable assembly provides two data paths. Each path supports data flow in either direction between the single
connector end and one of the double-end connectors. Data can flow in only one direction through each path at any
moment.
MUX/DeMUX cables are fully passive, and they operate at specific wavelengths. They are transparent to networks and
protocols. A pair of cables, as in the following example, attenuates an optical signal by no more than 1.2 dB on either
single-mode or multi-mode fiber.
For additional information including availability and configuration options, contact your MRV Communication sales
representative.
Passive WDM Cables
MUX/DeMUX and OADM, 1 or 2 wavelength
1
λ1
λ2
( (
( (
λ2
λ1
Highlights
WDM cable separate, combine, add, or drop
wavelengths
- 1310 nm / 1550 nm
- CWDM: 1270 - 1610
- DWDM: 1525 - 1565
Single-mode fiber
Low return loss and cross-talk
High isolation
Low polarization dependency
Environmentally stable


Número de pieza similar - PALCSC3155

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
PALC16L8 CYPRESS-PALC16L8 Datasheet
786Kb / 14P
REPROGRAMMABLE CMOS
PALC16L8-20DMB CYPRESS-PALC16L8-20DMB Datasheet
786Kb / 14P
REPROGRAMMABLE CMOS
PALC16L8-20LMB CYPRESS-PALC16L8-20LMB Datasheet
786Kb / 14P
REPROGRAMMABLE CMOS
PALC16L8-20QMB CYPRESS-PALC16L8-20QMB Datasheet
786Kb / 14P
REPROGRAMMABLE CMOS
PALC16L8-20WMB CYPRESS-PALC16L8-20WMB Datasheet
786Kb / 14P
REPROGRAMMABLE CMOS
More results

Descripción similar - PALCSC3155

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OPLINK Communications I...
MWDMG15981000H1 OPLINK-MWDMG15981000H1 Datasheet
278Kb / 2P
Micro-Optic WDM
logo
Maxim Integrated Produc...
MAX3787 MAXIM-MAX3787 Datasheet
2Mb / 15P
1Gbps to 12.5Gbps Passive Equalizer for Backplanes and Cables
Rev 2; 2/08
logo
Emerson Network Power
30-9530 EMERSON-NETWORKPOWER-30-9530 Datasheet
59Kb / 1P
Computer Cables Adapters Cables
logo
OPLINK Communications I...
HWDMG OPLINK-HWDMG Datasheet
287Kb / 2P
Micro-Optic WDM
MWDMG1598 OPLINK-MWDMG1598 Datasheet
284Kb / 2P
Micro-Optic WDM
MWDMGCR OPLINK-MWDMGCR Datasheet
286Kb / 2P
Micro-Optic WDM
MWDMGCSU OPLINK-MWDMGCSU Datasheet
143Kb / 2P
Micro-Optic WDM
MWDMGFTTX OPLINK-MWDMGFTTX Datasheet
152Kb / 2P
WDM (1x2)
MWDMGLSU OPLINK-MWDMGLSU Datasheet
184Kb / 2P
Micro-Optic WDM
logo
Ultralife Corporation.
CAXXXX ULTRALIFE-CAXXXX Datasheet
475Kb / 3P
Cables
26 MAY 21 Rev: R
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com