Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AS3410 Datasheet(PDF) 50 Page - ams AG

No. de pieza AS3410
Descripción Electrónicos  Low Power Ambient Noise-Cancelling Speaker Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMSCO [ams AG]
Página de inicio  http://www.ams.com
Logo AMSCO - ams AG

AS3410 Datasheet(HTML) 50 Page - ams AG

Back Button AS3410 Datasheet HTML 43Page - ams AG AS3410 Datasheet HTML 44Page - ams AG AS3410 Datasheet HTML 45Page - ams AG AS3410 Datasheet HTML 46Page - ams AG AS3410 Datasheet HTML 47Page - ams AG AS3410 Datasheet HTML 48Page - ams AG AS3410 Datasheet HTML 49Page - ams AG AS3410 Datasheet HTML 50Page - ams AG AS3410 Datasheet HTML 51Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 50 / 51 page
background image
www.austriamicrosystems.com
Revision 1.02
50 - 51
AS3400 AS3410 AS3430 1v0
Data Sheet - O r d e r i n g I n f o r m a t i o n
12 Ordering Information
The devices are available as the standard products shown in Table 39.
Note: All products are RoHS compliant and austriamicrosystems green.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
For further information and requests, please contact us mailto:sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Table 39. Ordering Information
Ordering Code
Description
Delivery Form
Package
AS3400-EQFP
Low Power Ambient Noise-Cancelling Speaker Driver
Tape & Reel
dry pack
QFN 24 [4.0x4.0x0.85mm] 0.5mm
pitch
AS3410-EQFP
Low Power Ambient Noise-Cancelling Speaker Driver
Tape & Reel
dry pack
QFN 24 [4.0x4.0x0.85mm] 0.5mm
pitch
AS3430-EQFP
Low Power Ambient Noise-Cancelling Speaker Driver
Tape & Reel
dry pack
QFN 32 [5.0x5.0x0.85mm] 0.5mm
pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com