Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MHCC Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

No. de pieza MHCC
Descripción Electrónicos  Molding Power Choke
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

MHCC Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button MHCC Datasheet HTML 14Page - List of Unclassifed Manufacturers MHCC Datasheet HTML 15Page - List of Unclassifed Manufacturers MHCC Datasheet HTML 16Page - List of Unclassifed Manufacturers MHCC Datasheet HTML 17Page - List of Unclassifed Manufacturers MHCC Datasheet HTML 18Page - List of Unclassifed Manufacturers MHCC Datasheet HTML 19Page - List of Unclassifed Manufacturers MHCC Datasheet HTML 20Page - List of Unclassifed Manufacturers MHCC Datasheet HTML 21Page - List of Unclassifed Manufacturers MHCC Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Molding Power Choke – MHCC/MHCI Series
Electrical Characteristics
Inductance
Tolerance
Test
Frequency
Irms
Isat
RDC
Part Number
(uH)
(±%)
(KHz)
(A)Typ.
(A)Typ.
(mΩ)Max
MHCC10030-R33M-R7A
0.33
20
100
23
32
1.6
MHCC10030-1R0M-R7A
1.0
20
100
15
21
6.0
 Irms
current (A) that will cause an approximate ΔT of 40℃
 Isat
current (A) that will cause L to drop approximately 30%
Tolerance:M= ±20%
L : WK 3260B, 100KHz 0.5V
Rdc : CHEN HWA 502
Operating temperature range from -55℃ to 125℃. (Including self - temperature rise)
Test Instruments:
WK3260B Impedance / Material Analyzer
Inductance vs DC Current
0
0.5
1
1.5
2
2.5
3
3.5
4
0
5
10
15
20
25
30
35
40
45
DC Current(A)
R33
1R0
Tem perature Change v.s DC Current
0
20
40
60
80
100
120
140
160
0
5
10
15
20
25
30
35
40
45
50
DC Current(A)
R33
1R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com