| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MHCC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MHCC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 23 page ![]() Molding Power Choke – MHCC/MHCI Series Electrical Characteristics Inductance Tolerance Test Frequency Irms Isat RDC Part Number (uH) (±%) (KHz) (A)Typ. (A)Typ. (mΩ)Max MHCI04012-R22M-R8 0.22 20 100 8.5 11.5 12 MHCI04012-R47M-R8 0.47 20 100 5.0 7.0 25 MHCI04012-R68M-R8 0.68 20 100 4.5 6.0 36 MHCI04012-1R0M-R8 1.0 20 100 4.2 5.2 47 MHCI04012-2R2M-R8 2.2 20 100 2.75 3.5 83.5 MHCI04012-4R7M-R8 4.7 20 100 1.8 2.8 195 Irms DC current (A) that will cause an approximate ΔT of 40℃ Isat DC current (A) that will cause L to drop approximately 30% Tolerance:M= ±20% L : WK 3260B, 100KHz 0.5V Rdc : CHEN HWA 502 Operating temperature range from -55℃ to 125℃. (Including self - temperature rise) Test Instruments: WK3260B Impedance / Material Analyzer Inductance vs DC Current 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 0 1 2 3 4 5 6 7 8 9 10 11 1213 1415 1617 DC Current(A) R22 R47 R68 1R0 2R2 4R7 Tem perature Change v.s DC Current 0 20 40 60 80 100 120 140 0123456789 10 11 12 13 DC Current(A) 1R0 R68 R22 R47 2R2 4R7 |