Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD74ALVCH16373 Datasheet(PDF) 5 Page - Hitachi Semiconductor

No. de pieza HD74ALVCH16373
Descripción Electrónicos  16-bit Transparent D-type Latches with 3-state Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ALVCH16373 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74ALVCH16373 Datasheet HTML 1Page - Hitachi Semiconductor HD74ALVCH16373 Datasheet HTML 2Page - Hitachi Semiconductor HD74ALVCH16373 Datasheet HTML 3Page - Hitachi Semiconductor HD74ALVCH16373 Datasheet HTML 4Page - Hitachi Semiconductor HD74ALVCH16373 Datasheet HTML 5Page - Hitachi Semiconductor HD74ALVCH16373 Datasheet HTML 6Page - Hitachi Semiconductor HD74ALVCH16373 Datasheet HTML 7Page - Hitachi Semiconductor HD74ALVCH16373 Datasheet HTML 8Page - Hitachi Semiconductor HD74ALVCH16373 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HD74ALVCH16373
5
Electrical Characteristics (Ta = –40 to 85
°C)
Item
Symbol V
CC (V)
*1
Min
Max
Unit
Test Conditions
Input voltage
V
IH
2.3 to 2.7
1.7
V
2.7 to 3.6
2.0
V
IL
2.3 to 2.7
0.7
2.7 to 3.6
0.8
Output voltage
V
OH
Min to Max V
CC–0.2
V
I
OH = –100 µA
2.3
2.0
I
OH = –6 mA, VIH = 1.7 V
2.3
1.7
I
OH = –12 mA, VIH = 1.7 V
2.7
2.2
I
OH = –12 mA, VIH = 2.0 V
3.0
2.4
I
OH = –12 mA, VIH = 2.0 V
3.0
2.0
I
OH = –24 mA, VIH = 2.0 V
V
OL
Min to Max —
0.2
I
OL = 100 µA
2.3
0.4
I
OL = 6 mA, VIL = 0.7 V
2.3
0.7
I
OL = 12 mA, VIL = 0.7 V
2.7
0.4
I
OL = 12 mA, VIL = 0.8 V
3.0
0.55
I
OL = 24 mA, VIL = 0.8 V
Input current
I
IN
3.6
±5
µAV
IN = VCC or GND
I
IN (hold)
2.3
45
V
IN = 0.7 V
2.3
–45
V
IN = 1.7 V
3.0
75
V
IN = 0.8 V
3.0
–75
V
IN = 2.0 V
3.6
±500
V
IN = 0 to 3.6 V
Off state output current
*2 I
OZ
3.6
±10
µAV
OUT = VCC or GND
Quiescent supply current I
CC
3.6
40
µAV
IN = VCC or GND
∆I
CC
3.0 to 3.6
750
µAV
IN = one input at (VCC–0.6) V,
other inputs at V
CC or GND
Notes: 1. For conditions shown as Min or Max, use the appropriate values under recommended operating
conditions.
2. For I / O ports, the parameter I
OZ includes the input leakage current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com