Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MSA-0686 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

No. de pieza MSA-0686
Descripción Electrónicos  Cascadable Silicon Bipolar MMIC Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MSA-0686 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  MSA-0686 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MSA-0686 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MSA-0686 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MSA-0686 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6-382
Cascadable Silicon Bipolar
MMIC Amplifier
Technical Data
Features
• Cascadable 50
Ω Gain Block
• Low Operating Voltage:
3.5 V Typical Vd
• 3 dB Bandwidth:
DC to 0.8 GHz
• High Gain:
18.5 dB Typical at 0.5 GHz
• Low Noise Figure:
3.0 dB Typical at 0.5 GHz
• Surface Mount Plastic
Package
• Tape-and-Reel Packaging
Available[1]
MSA-0686
86 Plastic Package
Description
The MSA-0686 is a high perfor-
mance silicon bipolar Monolithic
Microwave Integrated Circuit
(MMIC) housed in a low cost,
surface mount plastic package.
This MMIC is designed for use as a
general purpose 50
Ω gain block.
Applications include narrow and
broad band IF and RF amplifiers
in commercial and industrial
applications.
The MSA-series is fabricated using
HP’s 10 GHz fT, 25 GHz f MAX,
silicon bipolar MMIC process
which uses nitride self-alignment,
ion implantation, and gold metalli-
zation to achieve excellent
performance, uniformity and
reliability. The use of an external
bias resistor for temperature and
current stability also allows bias
flexibility.
Typical Biasing Configuration
C block
C block
R bias
V
CC > 5 V
Vd = 3.5 V
RFC (Optional)
IN
OUT
MSA
4
1
2
3
Note:
1. Refer to PACKAGING section “Tape-
and-Reel Packaging for Surface
Mount Semiconductors”.
5965-9588E


Número de pieza similar - MSA-0686

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0686 AVAGO-MSA-0686 Datasheet
68Kb / 4P
Tape-and-Reel Packaging Available
MSA-0686-BLK AVAGO-MSA-0686-BLK Datasheet
68Kb / 4P
Tape-and-Reel Packaging Available
MSA-0686-BLKG AVAGO-MSA-0686-BLKG Datasheet
68Kb / 4P
Tape-and-Reel Packaging Available
MSA-0686-TR1 AVAGO-MSA-0686-TR1 Datasheet
68Kb / 4P
Tape-and-Reel Packaging Available
MSA-0686-TR1G AVAGO-MSA-0686-TR1G Datasheet
68Kb / 4P
Tape-and-Reel Packaging Available
More results

Descripción similar - MSA-0686

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
MSA-0104 HP-MSA-0104 Datasheet
51Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0300 HP-MSA-0300 Datasheet
57Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0385 HP-MSA-0385 Datasheet
52Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0505 HP-MSA-0505 Datasheet
51Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
logo
M-pulse Microwave Inc.
MP4TD0335 MPLUSE-MP4TD0335 Datasheet
51Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0410 MPLUSE-MP4TD0410 Datasheet
49Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0700 MPLUSE-MP4TD0700 Datasheet
132Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0900 MPLUSE-MP4TD0900 Datasheet
139Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0270 AVAGO-MSA-0270 Datasheet
158Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0470 AVAGO-MSA-0470 Datasheet
192Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com