| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FC80960HT60SL2G2 Datasheet(PDF) 64 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
FC80960HT60SL2G2 Datasheet(HTML) 64 Page - Intel Corporation |
|
64 / 102 page ![]() 80960HA/HD/HT 58 Advance Information Datasheet Figure 41. Non-Burst, Pipelined Read Request without Wait States, 32-Bit Bus ADS A31:4, SUP, CT3:0, D/C, LOCK BLAST WAIT D31:0, CLKIN IN D IN D' IN D'' IN D''' IN D'''' A A' D A'' D' A''' D'' A'''' D''' D'''' Valid Valid Valid Valid Valid Invalid DT/R DEN A3:2 BE3:0 Valid Valid Valid Valid Valid Invalid W/R DP3:0 PCHK 1. Non-pipelined request concludes, pipelined reads begin. 2. Pipelined reads conclude, non-pipelined requests begin. 1 2 Burst Bus Width Odd Parity NXDA NWDD NWAD NRDD 29 28 21 24 23-22 20 12-8 19-16 15-14 7-6 4-0 Disabled 0 ON 1 X xxxx 32-Bit X x Enabled 1 X xx X xxxxx X xx X x 0 00000 Function Bit Value External Ready Control Pipe- Lining Parity Enable NRAD NOTE: Bits 31-30, 27-25, 13, and 5 are reserved. 10 Invalid PMCON |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |