Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PM0014 Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza PM0014
Descripción Electrónicos  General-purpose DSP library
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0014 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PM0014 Datasheet HTML 3Page - STMicroelectronics PM0014 Datasheet HTML 4Page - STMicroelectronics PM0014 Datasheet HTML 5Page - STMicroelectronics PM0014 Datasheet HTML 6Page - STMicroelectronics PM0014 Datasheet HTML 7Page - STMicroelectronics PM0014 Datasheet HTML 8Page - STMicroelectronics PM0014 Datasheet HTML 9Page - STMicroelectronics PM0014 Datasheet HTML 10Page - STMicroelectronics PM0014 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
PM0014
ST10-DSP library benchmarks
7/46
2
ST10-DSP library benchmarks
2.1
Performance considerations
The performance figures reported underneath have been obtained with all operands
mapped into ST10 Dual Port RAM (DPRAM). Please note that different memory mapping
will lead to longer execution time and this could explain differences between the times
reported here and the times on other applications. (for details see "ST10-DSP
programming" application note).
2.2
Filter functions
The following table illustrates the ST10-DSP capabilities in filtering functions:
Table 2.
ST10-DSP capabilities
Function
Code size (byte)
Number of Instruction cycles
FIR 16 *16 real
88
30 + samp *(12 + coef)
FIR 16* 32 real
130
34 + samp *(16 + 2*coef)
FIR 32* 32 real
194
34 + samp *(20 + 4*coef)
IIR direct 2
130
36 + samp *(17 + coef)
IIR cascaded biquad cells
136
34 + samp *(16 + 15*coef)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46