Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PM0014 Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza PM0014
Descripción Electrónicos  General-purpose DSP library
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0014 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PM0014 Datasheet HTML 6Page - STMicroelectronics PM0014 Datasheet HTML 7Page - STMicroelectronics PM0014 Datasheet HTML 8Page - STMicroelectronics PM0014 Datasheet HTML 9Page - STMicroelectronics PM0014 Datasheet HTML 10Page - STMicroelectronics PM0014 Datasheet HTML 11Page - STMicroelectronics PM0014 Datasheet HTML 12Page - STMicroelectronics PM0014 Datasheet HTML 13Page - STMicroelectronics PM0014 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Using the ST10-DSP library
PM0014
10/46
3.8.1
Arithmetic functions
When applicable, the parameters are passed in the following order:
●
Left operator imaginary part MSB
●
Left operator imaginary part LSB
●
Left operator real part MSB
●
Left operator real part LSB
●
Right operator imaginary part MSB
●
Right operator imaginary part LSB
●
Right operator real part MSB
●
Right operator real part LSB
●
Pointer to an output array.
3.8.2
Filter functions
There is only one parameter to be passed:
●
Pointer on a filter structure. This structure is defined in the filter functions chapter.
3.9
Testing a function
All functions of the DSP library are delivered with their test case.
3.9.1
Test environment
For each functions, test files have been created in the testMain directory:
●
X.in: File of input data on hexadecimal format.
●
X.res: This file contains outputs obtained by running the Asm source. Inputs are those
of the file X.in. Results are on hexadecimal format in X.res.
3.9.2
Using crossview debugger for testing
Crossview debugger has been used for the verification of the results thanks to the provided
test vectors. A Tasking project can contain the source asm or C function and a main
function. The output result can be displayed on a virtual IO or a hyperterminal.
3.10
Memory reservations
3.10.1
Data Alignment
As the library doesn’t use 8-bit values, there’s no data alignment restraint, even for Q1.31
variables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com