| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AN4541 Datasheet(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4541 Datasheet(HTML) 7 Page - STMicroelectronics |
|
7 / 21 page ![]() DocID026513 Rev 1 7/21 AN4541 EMIF06-MSD04F3 clamping characteristics 21 Figure 7. Measured clamping voltage at host input for a +8 kV IEC61000-4-2 ESD surge in contact discharge Note: Calculated values (Table 1) are close to the measured values (Figure 7) and the same evaluation can be made in negative. Comparing the current waveform flowing through the protected host in Figure 8 with Figure 9, with both waveforms with and without the protection device, the current level is much lower. Note than the impedance load is equal to 5 Ω. Figure 8. Measured current through the host for an +8 kV IEC61000-4-2 ESD surge, with EMIF06-MSD04F3 |