Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AN4541 Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza AN4541
Descripción Electrónicos  high-speed SD card protection and filtering devices
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4541 Datasheet(HTML) 3 Page - STMicroelectronics

  AN4541 Datasheet HTML 1Page - STMicroelectronics AN4541 Datasheet HTML 2Page - STMicroelectronics AN4541 Datasheet HTML 3Page - STMicroelectronics AN4541 Datasheet HTML 4Page - STMicroelectronics AN4541 Datasheet HTML 5Page - STMicroelectronics AN4541 Datasheet HTML 6Page - STMicroelectronics AN4541 Datasheet HTML 7Page - STMicroelectronics AN4541 Datasheet HTML 8Page - STMicroelectronics AN4541 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DocID026513 Rev 1
3/21
AN4541
Market environment
21
1
Market environment
All sensitive electronic equipment such as mobile phones, computers and peripherals
require protection against electrostatic discharge using components able to clamp high
voltages, as defined by each standard level, including IEC61000-4-2. Introducing a
clamping device between all the parts directly in contact with external environment is a key
factor in obtaining reliable and robust equipment, and these devices have to be as
transparent as possible in normal working mode in order to maintain signal integrity.
Filtering unwanted frequencies is another interesting feature which, combined with the
above mentioned clamping technology, can save PCB area and cost.
1.1
STMicroelectronics solutions
STMicroelectronics produces three different devices suitable for this application and
compliant with the standard, which integrate two kinds of pull-up resistor values and the
possibility of implementing electrical card detection:
•
EMIF06-MSD04F3
•
EMIF06-USD04F3
•
EMIF06-MSD03F3
The schematics of these devices are shown below.
Figure 1. STMicroelectronics EMI filter for SD card offer
The basic characteristics of these three filters are the same, especially with respect to the
key line capacitance feature. Therefore, all discussion is based on the EMIF06-MSD04F3.
This application note describes the following topics:
1.
Filter structure
2.
Clamping characteristics
3.
SD3.0 timing constraints and PCB layout recommendations
4.
Rejection capabilities
5.
Electrical card detection capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21