| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RM0352 Datasheet(PDF) 110 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0352 Datasheet(HTML) 110 Page - STMicroelectronics |
|
110 / 138 page ![]() SPI (serial peripheral interface) RM0352 110/138 DocID024647 Rev 1 The following subsections describe the four 8-bit peripheral identification registers: • SSPPeriphID0 register • SSPPeriphID1 register • SSPPeriphID2 register • SSPPeriphID3 register SSPPeriphID0 register The SSPPeriphID0 register characteristics are: Purpose The SSPPeriphID0 register is hard-coded and the fields within the register determine the reset value. Usage constraints There are no usage constraints. Configurations Available in all SSP configurations. Attributes See Table 96 on page 101. Table 106 shows the bit assignments. SSPPeriphID1 register The SSPPeriphID1 register characteristics are: Purpose The SSPPeriphID1 register is hard-coded and the fields within the register determine the reset value. Usage constraints There are no usage constraints. Configurations Available in all SSP configurations. Attributes See Table 96 on page 101. Table 107 shows the bit assignments. SSPPeriphID2 register The SSPPeriphID2 register characteristics are: Purpose The SSPPeriphID2 register is hard-coded and the fields within the register determine the reset value. Table 106. SSPPeriphID0 register bit assignments Bits Name Description [15:8] RESERVED RESERVED, read undefined must read as zeros [7:0] PartNumber0 These bits read back as 0x22 Table 107. SSPPeriphID1 register bit assignments Bits Name Description [15:8] RESERVED RESERVED, read undefined, must read as zeros [7:4] Designer0 These bits read back as 0x1 [3:0] PartNumber1 These bits read back as 0x0 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |