| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RM0352 Datasheet(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0352 Datasheet(HTML) 31 Page - STMicroelectronics |
|
31 / 138 page ![]() DocID024647 Rev 1 31/138 RM0352 Embedded Flash memory 137 6 Embedded Flash memory 6.1 Description The Flash array consists of 64 kBytes or 16 kWords (16384 x 32-bit) and is outside the Flash wrapper. The Flash can be accessed per 32-bit for read access and per 16-bit for write access. Erasing the whole Flash will result in all ones in every bit cell of the Flash. Note: For any erase or write action on the Flash, the system clock must be configured to use an internal oscillator. The Flash is mapped on the AHB-Lite bus with the range described below: 6.2 Flash controller registers The Flash controller base address block in the Brain memory map is 0xA100_0000. Table 17. Flash memory section address Section Flash AHB start address Flash AHB end address Program memory with REMAP = ‘0’ 0x1001_0000 0x1001_FFFF Program memory with REMAP = ‘1’ 0x1002_0000 0x1002_FFFF |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |