Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LT1352 Datasheet(PDF) 12 Page - Linear Technology

No. de pieza LT1352
Descripción Electrónicos  Dual and Quad 250A, 3MHz, 200V/s Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LT1352 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1352_15 Datasheet HTML 8Page - Linear Technology LT1352_15 Datasheet HTML 9Page - Linear Technology LT1352_15 Datasheet HTML 10Page - Linear Technology LT1352_15 Datasheet HTML 11Page - Linear Technology LT1352_15 Datasheet HTML 12Page - Linear Technology LT1352_15 Datasheet HTML 13Page - Linear Technology LT1352_15 Datasheet HTML 14Page - Linear Technology LT1352_15 Datasheet HTML 15Page - Linear Technology LT1352_15 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1352/LT1353
13523fa
TYPICAL APPLICATIONS
+
1/2
LT1352
1.5k
10k
10k
1N5712
BPV22NF
VOUT
1352/53 TA05
10nF
10k
10nF
1/2
LT1352
DAC I-to-V Converter
400kHz Photodiode Preamp with 10kHz Highpass Loop
+
1/2
LT1352
565A TYPE
12
DAC
INPUTS
5k
5k
10pF
VOUT
1352/53 TA03
VOS + IOS (5kΩ) +
< 0.5LSB
VOUT
AVOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com