Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LT1352 Datasheet(PDF) 16 Page - Linear Technology

No. de pieza LT1352
Descripción Electrónicos  Dual and Quad 250A, 3MHz, 200V/s Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LT1352 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1352_15 Datasheet HTML 8Page - Linear Technology LT1352_15 Datasheet HTML 9Page - Linear Technology LT1352_15 Datasheet HTML 10Page - Linear Technology LT1352_15 Datasheet HTML 11Page - Linear Technology LT1352_15 Datasheet HTML 12Page - Linear Technology LT1352_15 Datasheet HTML 13Page - Linear Technology LT1352_15 Datasheet HTML 14Page - Linear Technology LT1352_15 Datasheet HTML 15Page - Linear Technology LT1352_15 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1352/LT1353
13523fa
+
1/2
LT1352
11.3k
5.49k
13.3k
4.64k
4.64k
5.49k
220pF
VOUT
VIN
1352/53 TA04
470pF
2200pF
4700pF
+
1/2
LT1352
20kHz, 4th Order Butterworth Filter
TYPICAL APPLICATIONS
© LINEAR TECHNOLOGY CORPORATION 1996
LT/TP 0603 1K REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1351
250
µA, 3MHz, 200V/µs Op Amp
Good DC Precision, C-Load Stable, Power Saving Shutdown
LT1354/55/56
Single/Dual/Quad 1mA, 12MHz, 400V/
µs Op Amp
Good DC Precision, Stable with All Capacitive Loads
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com