| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AN910 Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN910 Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 51 page ![]() 25/51 ST7 AND ST9 PERFORMANCE BENCHMARKING 7 MCU CORE ARCHITECTURE ANALYSIS This section presents, for the different MCUs, the main parameters of the core architecture which are significant for benchmark result analysis. 7.1 PARAMETER DESCRIPTION The significant parameters of core architecture are the following ones: On-chip/Off-chip buses - on-chip buses address bus size data/program memory bus sizes register bus size (if any) - off-chip buses (if any) address bus size data/program memory bus size multiplexing Memory Spaces Harvard organization Von Neumann organization - special register space (if any) - data/program memory spaces - interrupt vector table location and size Arithmetic Logic Unit datapath size - standard operations - special functions and performance Instruction processing Standard Prefetch mechanism - queue size - predecoding (if any) - address alignment Cpu internal buses address bus size, data bus size register bus (if any) Instruction set Cisc/Risc encoding - Clock Per Instruction (CPI) - average Clock Per Instruction - Instruction Length (IL) - average Instruction Length - special addressing modes - special instructions Programming model Register file Accumulator(s) Mixed register file/accumulator - list of registers (they may be outside the cpu) - multitasking capabilities MOVE Rd,Rs ADD Rd,#2 + / x LDAA #8, X ADDA #A0 CPU |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |