Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AN910 Datasheet(PDF) 49 Page - STMicroelectronics

No. de pieza AN910
Descripción Electrónicos  ST7 AND ST9 PERFORMANCE BENCHMARKING
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN910 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button AN910 Datasheet HTML 43Page - STMicroelectronics AN910 Datasheet HTML 44Page - STMicroelectronics AN910 Datasheet HTML 45Page - STMicroelectronics AN910 Datasheet HTML 46Page - STMicroelectronics AN910 Datasheet HTML 47Page - STMicroelectronics AN910 Datasheet HTML 48Page - STMicroelectronics AN910 Datasheet HTML 49Page - STMicroelectronics AN910 Datasheet HTML 50Page - STMicroelectronics AN910 Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
49/51
ST7 AND ST9 PERFORMANCE BENCHMARKING
Table 15. Full set of tests
9.2.2 Memory considerations
The “place” of the memory (internal or external) of the MCU used for stack, has indirectly
a consequence on the results. As all the MCUs own internal memory and do not own external
memory, internal memory has been used for most of the tests. But because some tests
(especially Ackermann function) require an important stack capacity, alternative solutions
have been elaborated.
Here is a synthesis of the different cases:
• for tests with a limited memory need, internal memory has been used as stack
• for tests with important memory need,
- for MCUs with important internal memory available, internal memory has been used
- for MCUs with limited internal memory but with external memory (with identical access time)
available, external memory has been used
- for MCUs with limited internal memory and external memory with longer access time, no real
measure has been made in order not to disfavour some MCUs; in some of these cases,
theoretical measures have been calculated based on the assembly code - note that
theoretical results are closed to practical results with internal memory
A small number of tests for some MCUs could not have been implemented due to various
reasons.
Tests concerned
string, char, bubble(10 words), blkmov(64 bytes), convert, 16mul, shright, bitrst
sieve, acker(3,5), acker(3,6), bubble(600 words), blkmov(512 bytes)
Resulting ratio formulas
ET = execution time
CS = code size
sum(ET ratios of full set)
Global ET ratio for full set =
number of tests of full set
sum(CS ratios of full set)
Global CS ratio for full set =
number of tests of full set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com