| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AN2284 Datasheet(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2284 Datasheet(HTML) 28 Page - STMicroelectronics |
|
28 / 40 page ![]() 8 SC Reader Lib: Description AN2284 28/40 8 SC Reader Lib: Description The user may access a Smart card using directly the application layer. It allows to send/receive ADPU commands to/from the smart card using the following user interface: ● u8 SC_Handler (u8 SC_Action, u8 *Data_to_SC, u8 Data_lenght, u8 P1, u8 P2, SC_State *SC_state, u16 *CmdStatus, u8 *Data_from_SC) 8.1 SC parameters 8.1.1 SC_Action The user has to specify which action he wants to perform on the smart card using the SC_Action parameter. Actions available are: ● Data Area Management commands - SC_SELECT_FILE - SC_GET_RESPONCE - SC_STATUS - SC_UPDATE_BINARY - SC_READ_BINARY - SC_WRITE_BINARY - SC_UPDATE_RECORD - SC_READ_RECORD ● Administrative Commands - SC_CREATE_FILE ● Safety Management Commands - SC_VERIFY - SC_CHANGE - SC_UNBLOCK - SC_EXTERNAL_AUTH - SC_GET_CHALLENGE ● Answer to Reset Commands - SC_GET_A2R 8.1.2 SC_State SC_State informs the user about the smart card state and allows to power off the smart card. The smart card states are: - SC_POWER_OFF - SC_POWER_ON |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |