| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AN2284 Datasheet(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2284 Datasheet(HTML) 32 Page - STMicroelectronics |
|
32 / 40 page ![]() 8 SC Reader Lib: Description AN2284 32/40 It returns the smart card status response to SC_GET_RESPONSE command - response It returns the smart card data response to SC_GET_RESPONSE command 8.2.4 SC_READ_BINARY ● SC_Handler (SC_RAED_BINARY, FileName, Byte_number, Offset_high, Offset_low, &SC_state, &u16_status, responce) ● Input - FileName It contains the 16 bit file identifier Example: 1) UserFile = {0xAA,0xA0} - Byte_number It contains size area (in byte) to read (valid only for EF) - Offset_high, Offset_low It contains the 16 bits offset where reading begins ● Output - SC_state It returns the current smart card state - u16_status It returns the smart card status response to SC_READ_BINARY command - response - It returns the smart card data to read 8.2.5 SC_CREATE_FILE ● SC_Handler (SC_CREATE_FILE, FileName, FileSize, NULL_PARAM, NULL_PARAM, &SC_state, &u16_status,pvoid ) ● Input - FileName It contains the 16 bit file identifier and the file type (EF or DF). Example: 1) UserFile = {0xAA,0xA0, EF} - FileSize It contains size area (in byte) to allocate (valid only for EF) ● Output - SC_state It returns the current smart card state |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |