Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AN2859 Datasheet(PDF) 15 Page - STMicroelectronics

No. de pieza AN2859
Descripción Electrónicos  Multiplexed diagnostics of AC switches using two STCC08
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2859 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN2859 Datasheet HTML 11Page - STMicroelectronics AN2859 Datasheet HTML 12Page - STMicroelectronics AN2859 Datasheet HTML 13Page - STMicroelectronics AN2859 Datasheet HTML 14Page - STMicroelectronics AN2859 Datasheet HTML 15Page - STMicroelectronics AN2859 Datasheet HTML 16Page - STMicroelectronics AN2859 Datasheet HTML 17Page - STMicroelectronics AN2859 Datasheet HTML 18Page - STMicroelectronics AN2859 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
DocID15255 Rev 2
15/29
AN2859
Detection windows digital value setting
29
4
Detection windows digital value setting
To detect the state of both AC switches, an MCU analog/digital converter input (ADC)
should be used. The conversion result (NADC) of the VSTATE signal depends on the ADC
size (N) and of the MCU voltage reference (VRef). Note that the ADC transfer function is
considered as ideal (see Equation 17).
Equation 17
According to the state of the AC switches, the VSTATE signal is not directly dependent on the
value of VCC (see equations 1, 2 and 3). This has an impact on the conversion result if the
voltage reference of the ADC transfer function depends directly on VCC. In this case, the
detection levels to implement in the MCU firmware should be determined by taking into
account the DC power supply variation with VREF = VCC (see equations 18, 19, 20, 21, 22,
23 and 24).
Equation 18
ASC1 is on and ACS2 is on.
Equation 19
ASC1 is on and ACS2 is on.
Equation 20
ASC1 is on and ACS2 is off.
N
Ref
V
STATE
ADC
2
·
V
N
=
⎪
⎪
⎪
⎪
⎪
⎩
⎪
⎪
⎪
⎪
⎪
⎨
⎧
=
⎟
⎠
⎞
⎜
⎝
⎛
+
⎟
⎠
⎞
⎜
⎝
⎛
+
=
⇒
⎟
⎠
⎞
⎜
⎝
⎛
+
⎟
⎠
⎞
⎜
⎝
⎛
+
=
⇒
N
R_Min
R_Max
CC_Min
AVF_L_Max
N
R_Min
4
2
R_Max
4
2
CC_Min
AVF_L_Max
0_Max
N
4
2
4
2
CC
AVF_L
0
2
·
X
X
·
V
V
2
·
X
·
R
R
X
·
R
R
·
V
V
N
2
·
R
R
R
R
·
V
V
N
0
N
0_Min =
⎪
⎪
⎪
⎪
⎪
⎪
⎩
⎪⎪
⎪
⎪
⎪
⎪
⎨
⎧
⎟
⎠
⎞
⎜
⎝
⎛
+
+
⎥
⎥
⎥
⎥
⎦
⎤
⎢
⎢
⎢
⎢
⎣
⎡
⎟
⎠
⎞
⎜
⎝
⎛
+
+
=
⇒
⎥
⎥
⎥
⎥
⎦
⎤
⎢
⎢
⎢
⎢
⎣
⎡
⎟
⎠
⎞
⎜
⎝
⎛
+
+
⎟
⎠
⎞
⎜
⎝
⎛
+
+
=
⇒
R_Min
4
2
1
R_Max
N
CC_Min
2
1
AVF_L_Max
4
1_Max
N
4
2
1
CC
2
1
AVF_L
CC
4
1
X
·
R
R
R
X
·
2
·
V
R
R
·
V
R
N
2
·
R
R
R
·
V
R
R
·
V
V
·
R
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com