| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AN2859 Datasheet(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2859 Datasheet(HTML) 21 Page - STMicroelectronics |
|
21 / 29 page ![]() DocID15255 Rev 2 21/29 AN2859 VSTATE signal voltage definition 29 Appendix B VSTATE signal voltage definition The VSTATE voltage is defined according to the theorem of superposition applied on the linear circuits defined on Figures14, 15, 16 and 17 (according to the state of each AC switch). The voltage resulting (VSTATE) from each source is calculated separately, and the results are added algebraically. The input current of the MCU A/D conversion block (IA/D) is neglected. Figure 14. Equivalent circuit ACS1 and ACS2 are on Equation 25 Equation 26 Equation 27 VCC VCC R1 R2 R3 R4 VAVF2_L VAVF1_L AVF AVF VSTATE R1 R2 R4 STCC082 STCC081 MCU I A/D≈ 0 R3 VAVF1_L VCC VCC VAVF2_L A / D conversion VSTATE 2 R 4 R 4 R · AVF2_L V · AVF1_L V 0 V STATE V + = = R_Min 4 2 R_Max 4 2 AVF_L_Max 0_Max X · R R X · R R · V V ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ + ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ + = 0 X · R R X · R R · V V R_Max 4 2 R_Min 4 2 AVF_L_Min 0_Min = ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ + ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ + = |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |