Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AN4038 Datasheet(PDF) 19 Page - STMicroelectronics

No. de pieza AN4038
Descripción Electrónicos  Guidelines to optimize proximity detection with STM8TL5xxx capacitive sensors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4038 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4038 Datasheet HTML 15Page - STMicroelectronics AN4038 Datasheet HTML 16Page - STMicroelectronics AN4038 Datasheet HTML 17Page - STMicroelectronics AN4038 Datasheet HTML 18Page - STMicroelectronics AN4038 Datasheet HTML 19Page - STMicroelectronics AN4038 Datasheet HTML 20Page - STMicroelectronics AN4038 Datasheet HTML 21Page - STMicroelectronics AN4038 Datasheet HTML 22Page - STMicroelectronics AN4038 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
AN4038
Proximity sensor design
Doc ID 022686 Rev 1
19/39
4.1
Tx/Rx electrode spacing influence
The spacing between the Tx/Rx plates significantly impacts the detection distance. The
Tx/Rx electrode spacing also directly influences the projected capacitance and its area field.
Theoretically, increasing the spacing between the two electrodes influences the projected
capacitance and causes two important effects:
●
It increases the projected capacitance field area and decreases the projected
capacitance value. In this case, the influence induced by the hand or finger on the
projected capacitance value is higher. The sensitivity of the sensor is improved and
consequently the detection distance and area is increased.
●
It also increases the noise on the acquisition signal. The lower the projected
capacitance is, the higher the noise is.
Figure 16 shows the influence of the electrode spacing on the detection distance.
Figure 16.
Detection distance versus Tx/Rx electrode spacing
The closer the Tx/Rx electrodes are, the lower the detection distance is, which occurs
mainly when the electrodes spacing is < 2 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39