Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AN4038 Datasheet(PDF) 27 Page - STMicroelectronics

No. de pieza AN4038
Descripción Electrónicos  Guidelines to optimize proximity detection with STM8TL5xxx capacitive sensors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4038 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4038 Datasheet HTML 23Page - STMicroelectronics AN4038 Datasheet HTML 24Page - STMicroelectronics AN4038 Datasheet HTML 25Page - STMicroelectronics AN4038 Datasheet HTML 26Page - STMicroelectronics AN4038 Datasheet HTML 27Page - STMicroelectronics AN4038 Datasheet HTML 28Page - STMicroelectronics AN4038 Datasheet HTML 29Page - STMicroelectronics AN4038 Datasheet HTML 30Page - STMicroelectronics AN4038 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
AN4038
Proximity sensor design
Doc ID 022686 Rev 1
27/39
Figure 26 shows the measured detection distance versus the distance between the ground
backplane and the sensor for a dielectric epoxy material (FR4). This test was performed
using sensor #3 (see Figure 1).
Figure 26.
Detection distance versus distance between ground plane and electrode
for dielectric material (FR4)
Detection distance significantly decreases for an FR4 dielectric thickness less than 10 mm.
For an FR4 dielectric thickness above 10 mm to maximum thickness, the increase of the
proximity detection distance levels off.
With regard to the dielectric epsilon factor (permittivity), at the same dielectric thickness, the
lower the dielectric epsilon is, the greater the proximity detection distance is.
The permittivity (dielectric constant) for:
●
FR4 is 4.2
●
Air is around 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39