| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AN4088 Datasheet(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4088 Datasheet(HTML) 53 Page - STMicroelectronics |
|
53 / 71 page ![]() DocID023072 Rev 3 53/71 AN4088 Firmware migration using the library 70 Note: (*) These functions exist only on STM32F10X_LD_VL, STM32F10X_MD_VL, and STM32F10X_HD_VL devices. (**)This function is only applicable for STM32F072 and STM32F091 devices. The main changes in the source code/procedure in STM32F051 devices versus STM32F1 are described below: No Dual mode for DAC channels No Noise generator No Triangle generator In the DAC structure definition, only two fields (external trigger, OutputBuffer) should be initialized. The example below shows how to configure the DAC channel 1 STM32F1 series: /* DAC channel1 Configuration */ DAC_InitStructure.DAC_Trigger = DAC_Trigger_None; DAC_InitStructure.DAC_WaveGeneration = DAC_WaveGeneration_None; DAC_InitStructure.DAC_OutputBuffer = DAC_OutputBuffer_Enable; DAC_Init(DAC_Channel_1, &DAC_InitStructure); Only for STM32F051devices, you have to update this code as follows: /* DAC channel1 Configuration */ DAC_InitStructure.DAC_Trigger = DAC_Trigger_None; DAC_InitStructure.DAC_OutputBuffer = DAC_OutputBuffer_Enable; /* DAC Channel1 Init */ DAC_Init(DAC_Channel_1, &DAC_InitStructure); void DAC_DMACmd(uint32_t DAC_Channel, FunctionalState NewState); void DAC_DMACmd(uint32_t DAC_Channel, FunctionalState NewState); void DAC_ITConfig(uint32_t DAC_Channel, uint32_t DAC_IT, FunctionalState NewState);(*) void DAC_ITConfig(uint32_t DAC_Channel, uint32_t DAC_IT, FunctionalState NewState); FlagStatus DAC_GetFlagStatus(uint32_t DAC_Channel, uint32_t DAC_FLAG);(*) FlagStatus DAC_GetFlagStatus(uint32_t DAC_Channel, uint32_t DAC_FLAG); void DAC_ClearFlag(uint32_t DAC_Channel, uint32_t DAC_FLAG);(*) void DAC_ClearFlag(uint32_t DAC_Channel, uint32_t DAC_FLAG); ITStatus DAC_GetITStatus(uint32_t DAC_Channel, uint32_t DAC_IT);(*) ITStatus DAC_GetITStatus(uint32_t DAC_Channel, uint32_t DAC_IT); void DAC_ClearITPendingBit(uint32_t DAC_Channel, uint32_t DAC_IT);(*) void DAC_ClearITPendingBit(uint32_t DAC_Channel, uint32_t DAC_IT); Table 24. STM32F10x and STM32F0xx DAC driver API correspondence (continued) STM32F10x DAC driver API STM32F0xx DAC driver API |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |