Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AN4088 Datasheet(PDF) 43 Page - STMicroelectronics

No. de pieza AN4088
Descripción Electrónicos  Migrating between STM32F1 and STM32F0 series microcontrollers
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4088 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button AN4088 Datasheet HTML 39Page - STMicroelectronics AN4088 Datasheet HTML 40Page - STMicroelectronics AN4088 Datasheet HTML 41Page - STMicroelectronics AN4088 Datasheet HTML 42Page - STMicroelectronics AN4088 Datasheet HTML 43Page - STMicroelectronics AN4088 Datasheet HTML 44Page - STMicroelectronics AN4088 Datasheet HTML 45Page - STMicroelectronics AN4088 Datasheet HTML 46Page - STMicroelectronics AN4088 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 71 page
background image
DocID023072 Rev 3
43/71
AN4088
Firmware migration using the library
70
NA
void FLASH_OB_Unlock(void);
NA
void FLASH_OB_Lock(void);
FLASH_Status
FLASH_ProgramOptionByteData(uint32_t
Address, uint8_t Data);
FLASH_Status FLASH_ProgramOptionByteData(uint32_t
Address, uint8_t Data);
FLASH_Status
FLASH_EnableWriteProtection(uint32_t
FLASH_Pages);
FLASH_Status FLASH_OB_EnableWRP(uint32_t
OB_WRP);
FLASH_Status
FLASH_ReadOutProtection(FunctionalState
NewState);
FLASH_Status FLASH_OB_RDPConfig(uint8_t
OB_RDP);
FLASH_Status
FLASH_UserOptionByteConfig(uint16_t
OB_IWDG, uint16_t OB_STOP, uint16_t
OB_STDBY);
FLASH_Status FLASH_OB_UserConfig(uint8_t
OB_IWDG, uint8_t OB_STOP, uint8_t OB_STDBY);
NA
FLASH_Status FLASH_OB_Launch(void);
NA
FLASH_Status FLASH_OB_WriteUser(uint8_t
OB_USER);
NA
FLASH_Status FLASH_OB_BOOTConfig(uint8_t
OB_BOOT1);
NA
FLASH_Status FLASH_OB_VDDAConfig(uint8_t
OB_VDDA_ANALOG);
NA
FLASH_Status FLASH_OB_SRAMParityConfig(uint8_t
OB_SRAM_Parity);
NA
FLASH_Status FLASH_OB_BOOT0SWConfig(uint8_t
OB_BOOT0SW); (*)
uint32_t FLASH_GetUserOptionByte(void);
uint8_t FLASH_OB_GetUser(void);
uint32_t
FLASH_GetWriteProtectionOptionByte(void);
uint16_t FLASH_OB_GetWRP(void);
FlagStatus
FLASH_GetReadOutProtectionStatus(void);
FlagStatus FLASH_OB_GetRDP(void);
Table 21. STM32F10x and STM32F0xx Flash driver API correspondence (continued)
STM32F10x Flash driver API
STM32F0xx Flash driver API



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71