Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AN4486 Datasheet(PDF) 24 Page - STMicroelectronics

No. de pieza AN4486
Descripción Electrónicos  This application note describes the BlueNRG and BlueNRG-MS over-the-air
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4486 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4486 Datasheet HTML 20Page - STMicroelectronics AN4486 Datasheet HTML 21Page - STMicroelectronics AN4486 Datasheet HTML 22Page - STMicroelectronics AN4486 Datasheet HTML 23Page - STMicroelectronics AN4486 Datasheet HTML 24Page - STMicroelectronics AN4486 Datasheet HTML 25Page - STMicroelectronics AN4486 Datasheet HTML 26Page - STMicroelectronics AN4486 Datasheet HTML 27Page - STMicroelectronics AN4486 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Running the OTA bootloader GUI & BlueNRG SW
package demo applications
AN4486
24/29
DocID026293 Rev 2
7
Once we have browsed to the application image built with the proper base address
(0x80
06800), we can press the “Update” button to start the OTA bootloading
process. A progress bar will provide an indication of the time needed until process
completion:
Figure 11: BlueNRG GUI: OTA bootloader upgrade



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29