Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AN4486 Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza AN4486
Descripción Electrónicos  This application note describes the BlueNRG and BlueNRG-MS over-the-air
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4486 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4486 Datasheet HTML 1Page - STMicroelectronics AN4486 Datasheet HTML 2Page - STMicroelectronics AN4486 Datasheet HTML 3Page - STMicroelectronics AN4486 Datasheet HTML 4Page - STMicroelectronics AN4486 Datasheet HTML 5Page - STMicroelectronics AN4486 Datasheet HTML 6Page - STMicroelectronics AN4486 Datasheet HTML 7Page - STMicroelectronics AN4486 Datasheet HTML 8Page - STMicroelectronics AN4486 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AN4486
The concept of OTA bootloading
DocID026293 Rev 2
5/29
1
The concept of OTA bootloading
The OTA bootloader is essentially a tool that allows a slave device to receive a firmware
image over-the-air from a master device and write it into Flash memory. To put things in the
context of Bluetooth low energy, the OTA bootloader is a service offering its own
characteristics and can coexist with other services used by any given application running
on the BLE stack. In our implementation, the BLE master will be a combined system made
up of BlueNRG and BlueNRG-MS kits platforms connected to a PC through USB. The
BlueNRG or BlueNRG-MS platform is driven by the BlueNRG GUI running on the
connected PC. This choice allows us to benefit from numerous resources available from
the PC, specifically with regard to compilers for firmware image generation and the memory
space required to store images before they are sent over-the-air for bootloading.
Figure 1: BlueNRG, BlueNRG-MS OTA master & slave devices
Note: For more information related to the BlueNRG and BlueNRG-MS kit platforms, refer to
the related user manuals available on ST BlueNRG web pages (see Section 6: "Related
documentation and references").
Table 1: "BlueNRG and BlueNRG-MS platform naming convention" describes the naming
convention used for referring to the BlueNRG and BlueNRG-MS platform LEDs and
buttons.
Table 1: BlueNRG and BlueNRG-MS platform naming convention
Resource name
BlueNRG, BlueNRG-MS
development platforms
BlueNRG, BlueNRG-MS USB
dongles
LED_D1
DL1 (yellow LED)
D2 (red LED)
LED_D2
DL2 (orange LED)
D3 (orange LED)
BUTTON_1
Push_Button
SW1
BUTTON_2
Joystick SEL
SW2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com