Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTC1707 Datasheet(PDF) 12 Page - Linear Technology

No. de pieza LTC1707
Descripción Electrónicos  High Efficiency Monolithic Synchronous Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC1707 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1707 Datasheet HTML 8Page - Linear Technology LTC1707 Datasheet HTML 9Page - Linear Technology LTC1707 Datasheet HTML 10Page - Linear Technology LTC1707 Datasheet HTML 11Page - Linear Technology LTC1707 Datasheet HTML 12Page - Linear Technology LTC1707 Datasheet HTML 13Page - Linear Technology LTC1707 Datasheet HTML 14Page - Linear Technology LTC1707 Datasheet HTML 15Page - Linear Technology LTC1707 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1707
OUTPUT CURRENT (mA)
1
100
1000
1707 F08b
10
100
90
80
70
60
50
VOUT = 2.5V
L = 15
µH
Burst Mode OPERATION
VIN = 3.6V
VIN = 4.2V
CSS
0.1
µF
COUT
100
µF
6.3V
CIN
††
22
µF
16V
22
µH*
* SUMIDA CD54-220
AVX TPSC107M006R0150
†† AVX TPSC226M016R0375
R2
169k
1%
R1
80.6k
1%
CITH
47pF
1
2
3
4
8
7
6
5
VREF
SYNC/MODE
VIN
SW
ITH
RUN/SS
VFB
GND
LTC1707
VIN
2.85V TO
4.5V
VOUT
2.5V
0.3A
1707 F08a
+
+
Figure 8. Single Lithium-Ion to 2.5V/0.3A Regulator from Design Example
Design Example
As a design example, assume the LTC1707 is used in a
single lithium-ion battery-powered cellular phone applica-
tion. The VIN will be operating from a maximum of 4.2V
down to about 2.85V. The load current requirement is a
maximum of 0.3A but most of the time it will be in standby
mode, requiring only 2mA. Efficiency at both low and high
load currents is important. Output voltage is 2.5V. With
this information we can calculate L using equation (1),
L
fI
V
V
V
L
OUT
OUT
IN
= ()( )


1
1
(3)
Substituting VOUT = 2.5V, VIN = 4.2V, ∆IL = 120mA and
f = 350kHz in equation (3) gives:
L
V
kHz
mA
V
V
H
= ()(
)


=
25
350
120
1
25
42
24 1
..
.
.
µ
A 22
µH inductor works well for this application. For best
efficiency choose a 1A inductor with less than 0.25
series resistance.
CIN will require an RMS current rating of at least 0.15A at
temperature and COUT will require an ESR of less than
0.25
Ω. In most applications, the requirements for these
capacitors are fairly similar.
For the feedback resistors, choose R1 = 80.6k. R2 can then
be calculated from equation (2) to be:
R
V
Rk
OUT
2
08
1
1 171
=−


=
.
; use 169k
Figure 8 shows the complete circuit along with its effi-
ciency curve.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com