Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STT02N20 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

No. de pieza STT02N20
Descripción Electrónicos  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STT02N20 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STT02N20 Datasheet HTML 1Page - SamHop Microelectronics Corp. STT02N20 Datasheet HTML 2Page - SamHop Microelectronics Corp. STT02N20 Datasheet HTML 3Page - SamHop Microelectronics Corp. STT02N20 Datasheet HTML 4Page - SamHop Microelectronics Corp. STT02N20 Datasheet HTML 5Page - SamHop Microelectronics Corp. STT02N20 Datasheet HTML 6Page - SamHop Microelectronics Corp. STT02N20 Datasheet HTML 7Page - SamHop Microelectronics Corp. STT02N20 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STT02N20
Ver 1.0
www.samhop.com.tw
May,22,2014
4
VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
0.1
1
10
100
10
1
0.01
0.1
6
5
4
3
2
1
0
10
0
125 C
25 C
ID=0.7A
75 C
20.0
10.0
1.0
0
0.4
0.8
1.2
1.6
2.0
5.0
25 C
75 C
10
8
6
4
2
0
VDS=100V
ID=0.7A
2
46
8
125 C
0
0.5
1.0
1.5
2.0
2.5 3.0
3.5
4.0
Rg, Gate Resistance(
Ω)
Figure 11. switching characteristics
110
100
0.1
1
10
100
Figure 9. Capacitance
VDS, Drain-to Source Voltage(V)
Crss
Coss
300
250
200
150
100
50
0
10
15
20
25
30
0
5
Ciss
VDS=100V,ID=0.7A
VGS=10V
TD(on)
Tr
TD(off )
Tf
VGS=10V
Single Pulse
TA=25 C
DC
10s
100ms
10ms
R
DS
(O
N)
Li
m
it



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com