Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STT432S Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

No. de pieza STT432S
Descripción Electrónicos  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STT432S Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STT432S Datasheet HTML 1Page - SamHop Microelectronics Corp. STT432S Datasheet HTML 2Page - SamHop Microelectronics Corp. STT432S Datasheet HTML 3Page - SamHop Microelectronics Corp. STT432S Datasheet HTML 4Page - SamHop Microelectronics Corp. STT432S Datasheet HTML 5Page - SamHop Microelectronics Corp. STT432S Datasheet HTML 6Page - SamHop Microelectronics Corp. STT432S Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STT432S
Ver 1.0
www.samhop.com.tw
Aug,04,2009
4
VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
Rg, Gate Resistance(
)
Figure 11. switching characteristics
VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
30
25
20
15
10
5
0
2
4
6
8
10
0
10
1
0
0.3
60
20
1.5
0.6
0.9
1.2
1800
1500
1200
900
600
300
0
10
15
20
25
30
10
8
6
4
2
0
0
3
6
9
12
15
18
21
24
VDS=20V
ID=11A
0.1
1
10
40
100
10
1
0.1
R
DS
(O
N)
Lim
it
100
ms
10m
s
1m
s
125 C
75 C
25 C
ID=11A
25 C
125 C
75 C
Ciss
Coss
Crss
1
10
100
1
10
100
300
VDS=20V,ID=1A
VGS=10V
TD(on)
Tr
TD(off )
Tf
60
6
0
5
VGS=10V
Single Pulse
TA=25 C
1s
10s
DC



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com