Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MT9080B Datasheet(PDF) 10 Page - Mitel Networks Corporation

No. de pieza MT9080B
Descripción Electrónicos  CMOS SMX - Switch Matrix Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MITEL [Mitel Networks Corporation]
Página de inicio  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9080B Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button MT9080B Datasheet HTML 6Page - Mitel Networks Corporation MT9080B Datasheet HTML 7Page - Mitel Networks Corporation MT9080B Datasheet HTML 8Page - Mitel Networks Corporation MT9080B Datasheet HTML 9Page - Mitel Networks Corporation MT9080B Datasheet HTML 10Page - Mitel Networks Corporation MT9080B Datasheet HTML 11Page - Mitel Networks Corporation MT9080B Datasheet HTML 12Page - Mitel Networks Corporation MT9080B Datasheet HTML 13Page - Mitel Networks Corporation MT9080B Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
MT9080B CMOS
2-110
Figure 14 - Shift Register Mode Data Input/Output Timing
CH X
CH Y
CH Z
CH X
CH Y
CH Z
td
td = (Address x 2) + 2 Clock Cycles
CK
FP
Data
In
Data
Out
Applications
1024 Channel Switch Matrix
A 1024 channel, non-blocking, timeslot interchange
switch can be constructed using two SMX devices
(refer to Figure 15). One SMX is operated in the Data
Memory mode, while the second device is operated
in Connect Memory Mode-1.
Data to be switched is clocked into the data memory
via the 16 bit input data bus and stored sequentially
in memory locations addressed by the internal 11 bit
counter. The data is read out of the Data Memory
(SMX#1) according to the external address supplied
by
the
Connection
Memory
(SMX#2).
The
Connection memory clocks out contents of the
memory according to the addresses supplied by the
internal counter.
The clock applied at the CK input of both the devices
has a frequency of 16.384 MHz. There are two clock
periods in each channel timeslot (see Figure 16). A
framing signal (FP) with a frequency of 8 kHz is used
to delineate frames with 1024 channels each. The
FP input to the Data Memory is delayed by seven
clock periods from the Connection Memory frame
pulse. This phase delay synchronizes the internal
counters of the two SMXs such that the Connection
Memory clocks out addresses one channel ahead of
the affected timelsot.
Using the connections illustrated in Figure 15, the
Data Memory address and control functions can be
mapped onto specific bits of the Connect Memory to
form a 16 bit control word, as shown in Figure 17.
The 16 bit control word is written into the Connection
Memory by the processor. Subsequently, when the
memory location is addressed by the internal
counter, this word will be clocked out of the memory
on to the data bus (D0o-D15o).
The output on the Connect Memory data bus
(D0o-D9o) is used to specify the Data Memory
location to be read out during any particular timeslot.
The Connection Memory is programmed in a manner
that permits specific addresses to be output in
certain timeslots.
The Data Memory will clock out
data from internal memory locations according to the
address asserted on its address bus. As mentioned
earlier, this address is latched into Data Memory with
a positive edge of the clock. The contents of the
appropriate addressed memory location will be
clocked out of the device at the beginning of the next
channel timeslot.
Connection Memory bit 10 controls the level on the
ODE input. The ODE pin is used to enable the output
drivers of the Data Memory. The capability to
selectively enable or disable the output drivers
during specific channel timeslots is required when
constructing larger switches using the 1024 channel
switch as a building block.
The Message Enable (ME) input of the Data Memory
is controlled by D11.
Setting this particular bit high
will result in the data latched into the address bus
being clocked out on to the Data Memory output bus.
Note that only 10 of the 16 address inputs are
actually connected to the data bus of the Connection
Memory. Consequently, only 10 of the 16 data output
bits on the Data Memory can be dynamically
controlled through the Connection Memory. In other
applications, all 16 of the address bits may be
connected to the data output bus of the Connection
Memory.
The mode of operation of the Data Memory can be
changed from Data Memory Mode-1 to Data Memory
Mode-2 by setting or resetting D12 in the connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com