Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

54ACTQ241 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza 54ACTQ241
Descripción Electrónicos  Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ241 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  54ACTQ241 Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ241 Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ241 Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ241 Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ241 Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ241 Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ241 Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ241 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AC Loading
AC Waveforms
DS100246-7
*Includes jig and probe capacitance
FIGURE 1. Standard AC Test Load
DS100246-8
FIGURE 2. Test Input Signal Levels
Amplitude
Rep. Rate
t
w
t
r
t
f
3.0V
1 MHz
500 ns
2.5 ns
2.5 ns
FIGURE 3. Test Input Signal Requirements
DS100246-9
FIGURE 4. Propagation Delay Waveforms for
Inverting and Non-Inverting Functions
DS100246-10
FIGURE 5. TRI-STATE Output HIGH and LOW
Enable and Disable Time
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com