Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

54ACTQ241 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza 54ACTQ241
Descripción Electrónicos  Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ241 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54ACTQ241 Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ241 Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ241 Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ241 Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ241 Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ241 Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ241 Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ241 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54ACTQ241
Quiet Series Octal Buffer/Line Driver with TRI-STATE®
Outputs
General Description
The ACTQ241 is an octal buffer and line driver designed to
be employed as a memory address driver, clock driver and
bus oriented transmitter or receiver which provides improved
PC board density. The ACTQ utilizes NSC Quiet Series tech-
nology to guarantee quiet output switching and improved dy-
namic threshold performance. FACT Quiet Seriesfeatures
GTOoutput control and undershoot corrector in addition to
a split ground bus for superior performance.
Features
n ICC and IOZ reduced by 50%
n Guaranteed simultaneous switching noise level and
dynamic threshold performance
n Improved latch-up immunity
n TRI-STATE outputs drive bus lines or buffer memory
address registers
n Outputs source/sink 24 mA
n Faster prop delays than the standard ’AC/’ACT241
n 4 kV minimum ESD immunity (’ACTQ)
n Standard Microcircuit Drawing (SMD) 5962-92185
Logic Symbol
Pin Names
Description
OE
1,OE2
TRI-STATE Output Enable Inputs
I
0–I7
Inputs
O
0–O7
Outputs
Connection Diagrams
GTOis a trademark of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
FACT Quiet Seriesis a trademark of Fairchild Semiconductor Corporation.
IEEE/IEC
DS100246-1
Pin Assignment
for DIP and Flatpak
DS100246-2
Pin Assignment
for LCC
DS100246-3
August 1998
© 1998 National Semiconductor Corporation
DS100246
www.national.com


Número de pieza similar - 54ACTQ241

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
54ACTQ240 TI1-54ACTQ240 Datasheet
189Kb / 10P
Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ240D NSC-54ACTQ240D Datasheet
144Kb / 8P
Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ240F NSC-54ACTQ240F Datasheet
144Kb / 8P
Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ240L NSC-54ACTQ240L Datasheet
144Kb / 8P
Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ244 NSC-54ACTQ244 Datasheet
140Kb / 8P
Quiet Series Octal Buffer/Line Driver
More results

Descripción similar - 54ACTQ241

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
Octal Buffer/Line Driver with TRI-STATE Outputs
54ACQ NSC-54ACQ Datasheet
309Kb / 10P
Quiet Seres Octal Buffer/Line Driver with TRI-STATE Outputs
54ACQ240 NSC-54ACQ240 Datasheet
144Kb / 8P
Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACQ244 NSC-54ACQ244 Datasheet
140Kb / 8P
Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ541 NSC-54ACTQ541 Datasheet
117Kb / 6P
Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACQ240 FAIRCHILD-74ACQ240_07 Datasheet
274Kb / 11P
Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
54ACQ240 TI1-54ACQ240 Datasheet
189Kb / 10P
Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com