| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VX6854LC Datasheet(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VX6854LC Datasheet(HTML) 65 Page - STMicroelectronics |
|
65 / 114 page ![]() DocID027110 Rev 2 65/114 VX6854LC Video timing 69 fifo_water_mark_pixels can be set to 40 as the FIFO input data rate is always faster than the FIFO output data rate. If the derating factor < downscale factor then the average input rate of a burst of a line of scaler output data into the FIFO is slower than the output data rate, in this case the fifo_water_mark_pixels must be set to avoid underflow. Calculate the floating point value of the fifo_water_mark_pixels Then round up this value; * scale_factor scale_factor - derating x_output_size fifo_water_mark_pixels(flt)= fifo_water_mark_pixels = fifo_water_mark_pixels(flt) + 40 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |