| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VX6854LC Datasheet(PDF) 89 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VX6854LC Datasheet(HTML) 89 Page - STMicroelectronics |
|
89 / 114 page ![]() DocID027110 Rev 2 89/114 VX6854LC EDoF control 102 • edof_denoising (0x0B84) Value ranges from 0 to 127. The higher the value the stronger the denoising to be applied. Higher values results in reduced noise in uniform areas. Figure 34. Example images with different settings for denoising slider • edof_module_specific (noise vs. details) (0x0B85) Value ranges from 0 to 127. Defines the weight of the sharpening versus the denoising weight. The higher the value the more weight is given to sharpness (that is, lower denoising weight). The lower the value, the more denoising weight is being applied. If sharpness (0x0B83) and denoising (0x0B84) registers are set to 0, then whatever this register value is, it will make no difference. Figure 35. Example images with different settings for noise vs. details slider Note: 1 Even with the above three registers values set to 0, a correction is being applied and will show a significant improvement versus no correction at all. 2 The tuning sliders do not operate in SuperMacro mode. Recommended settings For recommended settings for the EDoF sliders (0x0B83 to 0x0B85) refer to the relevant personality file. Denoising=0x00 Denoising=0x60 Denoising=0x40 NoiseVsDetails=0x00 NoiseVsDetails=0x60 NoiseVsDetails=0x40 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |