| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UT700 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT700 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology |
|
6 / 46 page ![]() 6 36-00-00-000 Ver. 1.3.1 Aeroflex Microelectronics Solutions - HiRel 2.4 Check Bits 2.5 Memory Control Signals Pin Name Direction Pin Number Reset Value Description 484 CLGA CB[0] I/O V19 high-z Bit 0 of EDAC BCH/RS checkbits CB[1] I/O AA21 high-z Bit 1 of EDAC BCH/RS checkbits CB[2] I/O Y21 high-z Bit 2 of EDAC BCH/RS checkbits CB[3] I/O W19 high-z Bit 3 of EDAC BCH/RS checkbits CB[4] I/O Y22 high-z Bit 4 of EDAC BCH/RS checkbits CB[5] I/O W20 high-z Bit 5 of EDAC BCH/RS checkbits CB[6] I/O W22 high-z Bit 6 of EDAC BCH/RS checkbits CB[7] I/O W21 high-z Bit 7 of EDAC BCH/RS checkbits CB[8] I/O V18 high Bit 8 of EDAC RS checkbits CB[9] I/O U18 high Bit 9 of EDAC RS checkbits CB[10] I/O T18 high Bit 10 of EDAC RS checkbits CB[11] I/O R18 high Bit 11 of EDAC RS checkbits CB[12] I/O P18 high Bit 12 of EDAC RS checkbits CB[13] I/O N18 high Bit 13 of EDAC RS checkbits CB[14] I/O M18 high Bit 14 of EDAC RS checkbits CB[15] I/O M19 high Bit 15 of EDAC RS checkbits Pin Name Direction Pin Number Reset Value Description 484 CLGA WRITE O V21 high PROM and I/O write enable strobe OE O U19 high PROM and I/O output enable IOS O T20 high I/O area chip select ROMS[0] O V22 high PROM chip select ROMS[1] O U20 high PROM chip select RWE[0] O U22 high SRAM write enable strobe RWE[1] O T19 high SRAM write enable strobe |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |